Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 29Page - Infineon Technologies AG TLE8080EM Datasheet HTML 30Page - Infineon Technologies AG TLE8080EM Datasheet HTML 31Page - Infineon Technologies AG TLE8080EM Datasheet HTML 32Page - Infineon Technologies AG TLE8080EM Datasheet HTML 33Page - Infineon Technologies AG TLE8080EM Datasheet HTML 34Page - Infineon Technologies AG TLE8080EM Datasheet HTML 35Page - Infineon Technologies AG TLE8080EM Datasheet HTML 36Page - Infineon Technologies AG TLE8080EM Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
TLE8080EM
Serial Peripheral Interface (SPI)
Data Sheet
33
Rev. 1.1, 2012-10-19
Figure 16
SPI Timing Diagram
SO Disable Time
t
13
–
–
165
ns
SO high
impedance after
CSN rising
8.3.12
Number of Clock Pulses while
CSN = low
16
–
16
pulses
8.3.13
SO Rise Time
t
SO_rise
–
–
75
ns
20% to 80%,
Cload=1.6pF
8.3.14
SO Fall Time
t
SO_fall
–
–
75
ns
80% to 20%
Cload=1.6pF
8.3.15
Table 8
Electrical Characteristics: SPI (cont’d)
VS=13.5V, Tj= -40°C to +150°C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Bit 15
MSB
Bit 0
LSB
don’t care
don’t care
clock
1
clock
2
clock
3
clock
15
clock
16
Bit 14
Bit 13
Bit 1
don’t care
Bit 0
LSB
Bit 15
MSB
Bit 14
tristate
tristate
time
time
time
time
don’t care
Bit 1
Bit 13
SCLK
SI
SO
t
6
t
4
t
7
t
1
t
5
t
10
t
9
t
11
t
12
t
2
t
3
t
8
t
13
CSN
Status
Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com