Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 5Page - Infineon Technologies AG TLE8080EM Datasheet HTML 6Page - Infineon Technologies AG TLE8080EM Datasheet HTML 7Page - Infineon Technologies AG TLE8080EM Datasheet HTML 8Page - Infineon Technologies AG TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG TLE8080EM Datasheet HTML 10Page - Infineon Technologies AG TLE8080EM Datasheet HTML 11Page - Infineon Technologies AG TLE8080EM Datasheet HTML 12Page - Infineon Technologies AG TLE8080EM Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TLE8080EM
5V Supply, Reset and Supervision
Data Sheet
9
Rev. 1.1, 2012-10-19
5
5V Supply, Reset and Supervision
5.1
5V Supply
The TLE8080EM integrates a voltage regulator for load currents up to 250mA. The input voltage at VS is regulated
to 5V on V5DD with a precision of ±2%. The design allows to achieve stable operation even with ceramic output
capacitors down to 470 nF. It is protected against overload, short circuit, and over temperature conditions. For low
drop operation, a charge pump is implemented.
Figure 3
5V Supply
5.2
Power On Reset and Reset Output
The reset output NRO is an open drain output. When the level of
V
V5DD reaches the reset threshold (VRT)
(increasing voltage
V
V5DD) the signal at NRO remains low for the power-up reset delay time (tRD). The reset
function and timing is illustrated in Figure 4. The reset reaction time (
t
RR) avoids wrong triggering caused by short
“glitches” on the V5DD-line. In case of V5DD power down (decreasing voltage;
V
V5DD < VRT for t > tRR) a logic low
signal is generated at the pin NRO to reset an external micro controller. The level of the reset threshold for
increasing
V
V5DD is for the hysteresis (VRH) higher than the level for decreasing VV5DD.
With an active reset all power stages and the K-Line output are disabled and SPI commands are ignored.
+
-
Vref
V5DD
VS
e.g. µC
IV5DD
IVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com