Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 22Page - National Semiconductor (TI) PC87382 Datasheet HTML 23Page - National Semiconductor (TI) PC87382 Datasheet HTML 24Page - National Semiconductor (TI) PC87382 Datasheet HTML 25Page - National Semiconductor (TI) PC87382 Datasheet HTML 26Page - National Semiconductor (TI) PC87382 Datasheet HTML 27Page - National Semiconductor (TI) PC87382 Datasheet HTML 28Page - National Semiconductor (TI) PC87382 Datasheet HTML 29Page - National Semiconductor (TI) PC87382 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
26
Revision1.2
3.6
REGISTER TYPE ABBREVIATIONS
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from a specific address returns the value of a specific register. Write to the same address is to a dif-
ferent register.
q
W
= Write.
q
RO
= Read Only.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
3.7
SUPERI/O CONFIGURATION REGISTERS
This section describes the SuperI/O configuration and ID registers (those registers with first level indexes in the range of
20h-2Eh). See Table 14 for a summary and directory of these registers.
Note: Set the configuration registers to enable functions or signals that are relevant to the specific device. The values of
fields that select functions, or signals, that are excluded from a specific device are treated as reserved and should
not be selected.
Table 14. SuperI/O Configuration Registers
3.7.1
SuperI/O ID Register (SID)
This register contains the identity number of the chip. The PC87382 family is identified by the value F4h.
Location: Index 20h
Type:
RO
Index
Mnemonic
Register Name
Type
Section
20h
SID
SuperI/O ID
RO
3.7.1
21h
SIOCF1
SuperI/O Configuration 1
R/W
3.7.2
22h
SIOCF2
SuperI/O Configuration 2
R/W
3.7.3
23h-25h
Reserved for National use
26h
SIOCF6
SuperI/O Configuration 6
R/W
3.7.4
27h
SRID
SuperI/O Revision ID
RO
3.7.5
29h
CLOCKCF
Clock Generator Control Register
R/W
3.7.6
2Ah - 2Fh
Reserved exclusively for National use
Bit
76543210
Name
Chip ID
Reset
F4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com