Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 53Page - National Semiconductor (TI) PC87382 Datasheet HTML 54Page - National Semiconductor (TI) PC87382 Datasheet HTML 55Page - National Semiconductor (TI) PC87382 Datasheet HTML 56Page - National Semiconductor (TI) PC87382 Datasheet HTML 57Page - National Semiconductor (TI) PC87382 Datasheet HTML 58Page - National Semiconductor (TI) PC87382 Datasheet HTML 59Page - National Semiconductor (TI) PC87382 Datasheet HTML 60Page - National Semiconductor (TI) PC87382 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
7.0 Legacy Functional Blocks (Continued)
Revision 1.2
57
www.national.com
Table 43. Bank 5 Bitmap
Register
Bits
Offset Mnemonic
76543210
00h
SPR2
Scratch Pad 2
01h
SPR3
Scratch Pad 3
02h
Reserved
03h
BSR
BKSE
BSR6-0
04h
IRCR2
Reserved
SFTSL
FEND_MD AUX_IRRX
TX_MS
MDRS
IRMSSL
IR_FDPLX
05h
FRM_ST
VLD
LOST_FR
Reserved
MAX_LEN PHY_ERR BAD_CRC
OVR1
OVR2
06h
RFRL(L)/
LSTFRC
RFRL7-0 / LSTFRC7-0
07h
RFRL(H)
Reserved
RFRL12-8
Table 44. Bank 6 Bitmap
Register
Bits
Offset Mnemonic
7
6
5
4
3
2
1
0
00h
IRCR3
SHDM_DS SHDM_DS FIR_CRC
MIR_CRC Reserved TXCRC_INV TXCRC_DS Reserved
01h
MIR_PW
Reserved
MPW3-0
02h
SIR_PW
Reserved
SPW3-0
03h
BSR
BKSE
BSR6-0
04h
BFPL
MBF7-4
FPL3-0
05h-07h
Reserved
Table 45. Bank 7 Bitmap
Register
Bits
Offset
Mnemonic
7
6543210
00h
IRRXDC
DBW2-0
DFR4-0
01h
IRTXMC
MCPW2-0
MCFR4-0
02h
RCCFG
R_LEN
T_OV
RXHSC
RCDM_DS Reserved
TXHSC
RC_MMD1-0
03h
BSR
BKSE
BSR6-0
04h
IRCFG1
STRV_MS
Reserved
SIRTX
IRRX1
Level
IRID3
IRIC2-0
05h
Reserved
06h
Reserved
07h
IRCFG4
Reserved
IRRX_MD IRSL0_DS
RXINV
IRSL21_DS
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com