Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 40Page - National Semiconductor (TI) PC87382 Datasheet HTML 41Page - National Semiconductor (TI) PC87382 Datasheet HTML 42Page - National Semiconductor (TI) PC87382 Datasheet HTML 43Page - National Semiconductor (TI) PC87382 Datasheet HTML 44Page - National Semiconductor (TI) PC87382 Datasheet HTML 45Page - National Semiconductor (TI) PC87382 Datasheet HTML 46Page - National Semiconductor (TI) PC87382 Datasheet HTML 47Page - National Semiconductor (TI) PC87382 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
www.national.com
44
Revision 1.2
6.0
Docking LPC Switch
6.1
OVERVIEW
The Docking LPC Switch connects between the main platform LPC bus and the Docking Station LPC bus.
Features:
• Low switch resistance
• LDRQ output sharing between local and Docking DMA requests
• Docking LPC Device Reset control
• Programmable Clock to Reset Delay
• Prevents signal bouncing when the Docking Station is switched on
6.2
FUNCTIONAL DESCRIPTION
6.2.1
Basic Functionality
The Docking LPC Bus signals are divided into the following groups:
q
Immediate connection signals (DLCLK, DSERIRQ, DCLKRUN): These signals are connected via a low-resistance
switch to the main LPC bus.
q
Delayed connection signals (DLAD3-0, DLFRAME): These signals are connected via a low-resistance switch to the
main LPC bus. When enabled, the connection is established on LPC Idle detection following CLK2RST Timer expira-
tion.
q
DLRESET: Driven low starting from the time the switch is enabled until CLK2RST Timer expiration. After CLK2RST
Timer expiration, DLRESET reflects the LRESET pin value.
q
DCLKOUT: When the switch is enabled, DCLKOUT drives the Clock Generator output or clock from CLKIN input (de-
pending on bit 6 of CLOCKCF register; see Section 3.7.6 on page 29) to the Docking device. Otherwise, this pin is
not driven and is held high by an internal pull-up resistor.
q
DLDRQ: Combined with an internal DMA request on LDRQ output; see Section 6.2.2 on page 44.
The switch connection procedure is triggered by the following condition:
q
Bit 0 of DLCTL register is written with 1.
Following the switch trigger detection, the following sequence is performed as follows:
1. DLCLK, DSERIRQ, DCLKRUN signals are connected to LCLK, SERIRQ, CLKRUN signals, respectively. DCLKOUT out-
put driver is enabled. DLRESET output is held low (active). CLK2RST timer starts counting.
2. EXP bit of DLCTL register is set on CLK2RST counter reaching the value defined by CLK2RSTVAL field of DLCTL reg-
ister.
3. Host software must poll for the EXP bit. The switch connection is performed when the EXP bit is read with 1. In addition,
the Serial IRQ must be configured to Continuous mode during the switch activation.
4. DLRESET output is deactivated. DLFRAME and DLAD3-0 signals are connected to LFRAME and LAD3-0 signals, re-
spectively. LDRQ sharing mechanism is enabled; see Section 6.2.2.
All Docking LPC signals are held high by internal pull-up resistors while the corresponding switch is in open (disconnected)
state, except DLRESET, which is held low by pull-down resistor.
At VDD Power-up the switch is in disconnected state. Note that the switch state is not affected by the warm reset.
6.2.2
LDRQ Sharing Mechanism
The Docking Station DMA Request DLDRQ and the PC87382 internal DMA Request are combined on LDRQ output using
the LDRQ sharing mechanism. The mechanism performs arbitration between the two DMA Requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com