Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 45Page - National Semiconductor (TI) PC87382 Datasheet HTML 46Page - National Semiconductor (TI) PC87382 Datasheet HTML 47Page - National Semiconductor (TI) PC87382 Datasheet HTML 48Page - National Semiconductor (TI) PC87382 Datasheet HTML 49Page - National Semiconductor (TI) PC87382 Datasheet HTML 50Page - National Semiconductor (TI) PC87382 Datasheet HTML 51Page - National Semiconductor (TI) PC87382 Datasheet HTML 52Page - National Semiconductor (TI) PC87382 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
7.0 Legacy Functional Blocks (Continued)
Revision 1.2
49
www.national.com
7.1.4
SP1 Bitmap Summary
Table 24. Bank 3 Register Map
Offset
Mnemonic
Register Name
Type
00h
MRID
Module Identification and Revision ID
RO
01h
SH_LCR
Shadow of LCR
RO
02h
SH_FCR
Shadow of FIFO Control
RO
03h
BSR
Bank Select
R/W
04h-07h
Reserved
Table 25. Bank 0 Bitmap
Register
Bits
Offset Mnemonic
76543210
00h
RXD
RXD7-0
00h
TXD
TXD7-0
01h
IER1
1. Non-Extended mode
Reserved
MS_IE
LS_IE
TXLDL_IE RXHDL_IE
IER2
2. Extended mode
Reserved
TXEMP_IE
Reserved
MS_IE
LS_IE
TXLDL_IE RXHDL_IE
02h
EIR1
FEN1-0
Reserved
RXFT
IPR1-0
IPF
EIR2
Reserved
TXEMP_EV Reserved
MS_EV
LS_EV
TXLDL_EV RXHDL_EV
FCR1
RXFTH1-0
Reserved
TXSR
RXSR
FIFO_EN
FCR2
RXFTH1-0
TXFTH1-0
Reserved
TXSR
RXSR
FIFO_EN
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1-0
BSR
BKSE
BSR6-0
04h
MCR1
Reserved
LOOP
ISEN/
DCDLP
RILP
RTS
DTR
MCR2
Reserved
TX_DFR
Reserved
RTS
DTR
05h
LSR
ER_INF
TXEMP
TXRDY
BRK
FE
PE
OE
RXDA
06h
MSR
DCD
RI
DSR
CTS
DDCD
TERI
DDSR
DCTS
07h
SPR1
Scratch Data
ASCR2
Reserved
RXF_TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com