Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 14Page - National Semiconductor (TI) PC87382 Datasheet HTML 15Page - National Semiconductor (TI) PC87382 Datasheet HTML 16Page - National Semiconductor (TI) PC87382 Datasheet HTML 17Page - National Semiconductor (TI) PC87382 Datasheet HTML 18Page - National Semiconductor (TI) PC87382 Datasheet HTML 19Page - National Semiconductor (TI) PC87382 Datasheet HTML 20Page - National Semiconductor (TI) PC87382 Datasheet HTML 21Page - National Semiconductor (TI) PC87382 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
www.national.com
18
Revision 1.2
3.0
Device Architecture and Configuration
The PC87382 comprises a collection of legacy and proprietary functional blocks. Each functional block is described in a sep-
arate chapter. This chapter describes the PC87382 structure and provides all logical device specific information, including
special implementation of generic blocks, system interface and device configuration.
3.1
OVERVIEW
The PC87382 consists of four logical devices, the host interface, and a central set of configuration registers, all built around
a central internal bus. Figure 3 illustrates the blocks and related logic.
The system interface serves as a bridge between the external LPC interface and the internal bus. It supports 8-bit read and
write transactions for I/O and DMA, as defined in Intel’s LPC Interface Specification, Revision 1.1.
The central configuration register set is ACPI compliant and supports a PnP configuration. The configuration registers are
structured as a subset of the Plug and Play Standard registers, defined in Appendix A of the Plug and Play ISA Specification,
Revision 1.0a by Intel and Microsoft. All system resources assigned to the functional blocks (I/O address space, DMA chan-
nels and IRQ lines) are configured in, and managed by, the central configuration register set. In addition, some function-
specific parameters are configurable through the configuration registers and distributed to the functional blocks through spe-
cial control signals.
3.2
CONFIGURATION STRUCTURE AND ACCESS
The configuration structure is comprised of a set of banked registers which are accessed via a pair of specialized registers.
3.2.1
The Index-Data Register Pair
Access to the PC87382 configuration registers is via an Index-Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined during VDD Power-Up reset, according to the state of the hardware strap-
ping option on the BADDR pin. Table 6 shows the selected base addresses as a function of BADDR.
Serial
Port 1
Bus
Interface
LCLK
LRESET
LAD3-0
LFRAME
LDRQ
SERIRQ
CLKIN
SIN1
SOUT1
RTS1
DTR1_BOUT1
CTS1
DSR1
DCD1
RI1
IRRX1,IRRX2
IRTX
IRSL0
GPIO
Ports
BADDR
Control Registers
Config &
Strap
Config
CLKRUN
TEST
GPIO20,21,23
IR
DLCLK
DLRESET
DLAD3-0
DLFRAME
DLDRQ
DSERIRQ
DCLKRUN
LPC
Bus
Switch
TRIS
GPIO00-04
Figure 3. PC87382 Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com