Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 60Page - National Semiconductor (TI) PC87382 Datasheet HTML 61Page - National Semiconductor (TI) PC87382 Datasheet HTML 62Page - National Semiconductor (TI) PC87382 Datasheet HTML 63Page - National Semiconductor (TI) PC87382 Datasheet HTML 64Page - National Semiconductor (TI) PC87382 Datasheet HTML 65Page - National Semiconductor (TI) PC87382 Datasheet HTML 66Page - National Semiconductor (TI) PC87382 Datasheet HTML 67Page - National Semiconductor (TI) PC87382 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
8.0 Device Characteristics (Continued)
www.national.com
64
Revision1.2
8.4.2
Clock Input Timing
.
8.4.3
Clock Output Timing
.
Symbol
Parameter
48 MHz
14.31818 MHz
Min
Max
Min
Max
Unit
tCH
Clock High Pulse Width1
1. Not tested. Guaranteed by characterization.
6
29.5
ns
tCL
Clock Low Pulse Width1
6
29.5
ns
tCP
Clock Period 2
2. Not tested. Guaranteed by design.
20
21.5
69.14
70.54
ns
FCIN
Clock Frequency
48 - 0.1%
48 + 0.1%
14.31818 - 0.02% 14.31818 + 0.02%
MHz
tCR
Clock Rise Time2 (0.8V-2.0V)
55
ns
tCF
Clock Fall Time2 (2.0V-0.8V)
55
ns
Symbol
Parameter
From Clock Generator
From CLKIN
Min
Max
Min
Max
Unit
tCOH
Clock High Pulse Width1
1. Not tested. Guaranteed by characterization.
6tCH -1
ns
tCOL
Clock Low Pulse Width1
6tCL -1
ns
tCOP
Clock Period2
2. Not tested. Guaranteed by design.
20
21.5
tCP - 0.5
tCP + 0.5
ns
FCOUT
Clock Frequency
48 - 0.1%
48 + 0.1%
FCIN
FCIN
MHz
tCOR
Clock Rise Time1 (0.4V-2.4V)
55
ns
tCOF
Clock Fall Time1 (2.4V-0.4V)
55
ns
tCL
tCP
tCH
VIH
VIH
VIL
VIL
VIL
VIH
tCF
tCR
CLKIN
tCOL
tCOP
tCOH
VOH
VOH
VOL
VIL
VOL
tCOF
tCOR
DCLKOUT
VOH
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com