Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 50Page - National Semiconductor (TI) PC87382 Datasheet HTML 51Page - National Semiconductor (TI) PC87382 Datasheet HTML 52Page - National Semiconductor (TI) PC87382 Datasheet HTML 53Page - National Semiconductor (TI) PC87382 Datasheet HTML 54Page - National Semiconductor (TI) PC87382 Datasheet HTML 55Page - National Semiconductor (TI) PC87382 Datasheet HTML 56Page - National Semiconductor (TI) PC87382 Datasheet HTML 57Page - National Semiconductor (TI) PC87382 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
7.0 Legacy Functional Blocks (Continued)
www.national.com
54
Revision1.2
Table 35. Bank 5 Register Map
Offset
Mnemonic
Register Name
Type
00h
SPR2
Scratch Pad 2
R/W
01h
SPR3
Scratch Pad 3
R/W
02h
Reserved
03h
BSR
Bank Select
R/W
04h
IRCR2
IR Control 2
R/W
05h
FRM_ST
Frame Status
RO
06h
RFRL(L)/LSTFRC Received Frame Length (Low Byte) / Lost Frame Count
RO
07h
RFRL(H)
Received Frame Length (High Byte)
RO
Table 36. Bank 6 Register Map
Offset
Mnemonic
Register Name
Type
00h
IRCR3
IR Control 3
R/W
01h
MIR_PW
MIR Pulse Width Control
R/W
02h
SIR_PW
SIR Pulse Width Control
R/W
03h
BSR
Bank Select
R/W
04h
BFPL
Beginning Flags / Preamble Length
R/W
05h-07h
Reserved
Table 37. Bank 7 Register Map
Offset
Mnemonic
Register Name
Type
00h
IRRXDC
IR Receiver Demodulator Control
R/W
01h
IRTXMC
IR Transmitter Modulator Control
R/W
02h
RCCFG
CEIR Configuration
R/W
03h
BSR
Bank Select
R/W
04h
IRCFG1
IR Interface Configuration 1
Varies per bit
05h
Reserved
06h
Reserved
07h
IRCFG4
IR Interface Configuration 4
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com