Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 38Page - National Semiconductor (TI) PC87382 Datasheet HTML 39Page - National Semiconductor (TI) PC87382 Datasheet HTML 40Page - National Semiconductor (TI) PC87382 Datasheet HTML 41Page - National Semiconductor (TI) PC87382 Datasheet HTML 42Page - National Semiconductor (TI) PC87382 Datasheet HTML 43Page - National Semiconductor (TI) PC87382 Datasheet HTML 44Page - National Semiconductor (TI) PC87382 Datasheet HTML 45Page - National Semiconductor (TI) PC87382 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
5.0 General-Purpose Input/Output (GPIO) Port (Continued)
www.national.com
42
Revision1.2
5.4.1
GPIO Pin Configuration Registers Structure
For each GPIO Port, there is a group of eight identical sets of configuration registers. Each set is associated with one GPIO
pin. The entire group is mapped to the PnP configuration space. The mapping scheme is based on the GPSEL register (see
Section 3.10.4 on page 34), which functions as an index register for the pin, and the selected GPCFG and GPEVR registers,
which reflect the configuration of the currently selected pin (see Table 20).
5.4.2
GPIO Port Runtime Register Map
5.4.3
GPIO Data Out Register (GPDO)
Location: Device specific
Type:
R/W
Table 20. GPIO Configuration Registers
Index
Configuration Register or Action
Type
Reset
F0h
GPIO Pin Select register (GPSEL)
R/W
00h
F1h
GPIO Pin Configuration register 1 (GPCFG)
Varies per bit 04h or 44h1
1. Depending on port number
F2h
GPIO Pin Event Routing register (GPEVR)
R/W or RO
01h
Offset
Mnemonic
Register Name
Type
Section
Device specific 1
1. The location of this register is defined in Section 3.10.3 on page 33.
GPDO
GPIO Data Out
R/W
5.4.3
Device specific 1
GPDI
GPIO Data In
RO
5.4.4
Device specific 1
GPEVEN
GPIO Event Enable
R/W
5.4.5
Device specific 1
GPEVST
GPIO Event Status
R/W1C
5.4.6
Bit
76543210
Name
DATAOUT
Reset
11111111
Bit
Description
7-0
DATAOUT (Data Out). Bits 7-0 correspond to pins 7-0 of the specific Port. The value of each bit determines the
value driven on the corresponding GPIO pin when its output buffer is enabled. Writing to the bit latches the
written data, unless the bit is locked by the GPCFG register Lock bit. Reading the bit returns its value regardless
of the pin value and configuration.
0: Corresponding pin driven to low.
1: Corresponding pin driven or released (according to buffer type selection) to high (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com