Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87382 Datasheet HTML 1Page - National Semiconductor (TI) PC87382 Datasheet HTML 2Page - National Semiconductor (TI) PC87382 Datasheet HTML 3Page - National Semiconductor (TI) PC87382 Datasheet HTML 4Page - National Semiconductor (TI) PC87382 Datasheet HTML 5Page - National Semiconductor (TI) PC87382 Datasheet HTML 6Page - National Semiconductor (TI) PC87382 Datasheet HTML 7Page - National Semiconductor (TI) PC87382 Datasheet HTML 8Page - National Semiconductor (TI) PC87382 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
www.national.com
2
Revision 1.2
Features
• LPC System Interface
— 8-bit I/O cycles
— CLKRUN support
— Implements PCI mobile design guide recommenda-
tion (PCI Mobile Design Guide 1.1, Dec. 18, 1998)
• LPC-to-LPC Switch
— Hot plugability
— CLKRUN support
— The connection is controlled by software
— Low switch resistance and propagation delay
— Programmable Clock to Reset Delay
• PC2001 and ACPI Compliant
— PnP Configuration Register structure
— Flexible resource allocation for all logical devices
❏ Relocatable base address
❏ 15 IRQ routing options
❏ Two optional 8-bit DMA channels (where applica-
ble) selected from four possible DMA channels
• Clock Sources
— 14.318 MHz or 48 MHz clock input
— LPC clock, up to 33 MHz
— 14.318 MHz or 48 MHz clock output to the docking
station
• Power Supply
— 3.3V supply operation
— All pins are 5V tolerant, except LPC bus pins
— All pins are back-drive protected, except LPC bus pins
• Eight General-Purpose I/O (GPIO) Ports
— Support assert IRQ
— Programmable drive type for each output pin (open-
drain, push-pull or output disable)
— Programmable option for internal pull-up resistor on
each input pin
— Output lock option
— Input debounce mechanism
• Serial Port (SP1)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
• Fast Infrared Port (FIR)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— FIR IrDA 1.1 compliant
— HP-SIR
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer Remote Control supports RC-5, RC-6,
NEC, RCA and RECS 80
— DMA support: 1 or 2 channels
• Strap Configuration
— Base Address (BADDR) strap to determine the base
address of the Index-Data register pair
— Strap Inputs to select testability mode
• Testability
— XOR Tree
— TRI-STATE device pins
Internal Block Diagram
Infrared
Interface
Bus
Interface
LPC Interface
I/O
Serial Port 1
Serial
Interface
FIR
GPIO Ports
Ports
Docking
LPC Switch
Docking LPC
Interface
14.31818 MHz
Clock
Generator
48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com