Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 7Page - National Semiconductor (TI) PC87382 Datasheet HTML 8Page - National Semiconductor (TI) PC87382 Datasheet HTML 9Page - National Semiconductor (TI) PC87382 Datasheet HTML 10Page - National Semiconductor (TI) PC87382 Datasheet HTML 11Page - National Semiconductor (TI) PC87382 Datasheet HTML 12Page - National Semiconductor (TI) PC87382 Datasheet HTML 13Page - National Semiconductor (TI) PC87382 Datasheet HTML 14Page - National Semiconductor (TI) PC87382 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.2
11
www.national.com
1.3.4
Infrared (IR)
1.3.5
Serial Port (SP1)
1.3.6
General-Purpose Input/Output (GPIO) Ports
Signal
Pin(s)
I/O
Buffer Type
Description
IRRX1
5
I
INTS
IR Receive 1. Primary input to receive serial data from the IR transceiver.
IRRX2_IRSL0
7
I/O
INTS/O3/6
IRRX2 - IR Receive 2. Auxiliary IR receiver input to support a second
transceiver.
IRSL0 - IR Select. Output used to control the IR transceiver.
IRTX
6
O
O6/12
IR Transmit. IR serial output data.
Signal
Pin(s)
I/O
Buffer Type
Description
CTS1
1
I
INTS
Clear to Send. When low, indicates that the modem or other data transfer
device is ready to exchange data.
DCD1
44
I
INTS
Data Carrier Detected. When low, indicates that the modem or other data
transfer device has detected the data carrier.
DSR1
45
I
INTS
Data Set Ready. When low, indicates that the data transfer device, e.g.,
modem, is ready to establish a communications link.
DTR1_BOUT1 2
O
O3/6
Data Terminal Ready. When low, indicates to the modem or other data
transfer device that the UART is ready to establish a communications link.
Baud Output. Provides the associated serial channel baud rate generator
output signal if Test Mode is selected, i.e., if bit 7 of the EXCR1 register is
set.
RI1
3
I
INTS
Ring Indicator. When low, indicates that a telephone ring signal was
received by the modem. It is monitored during power-off for wake-up event
detection.
RTS1
47
O
O3/6
Request to Send. When low, indicates to the modem or other data
transfer device that the corresponding UART is ready to exchange data. A
system reset sets this signal to inactive high; a loopback operation holds it
inactive.
SIN1
46
I
INTS
Serial Input. Receives composite serial data from the communications link
(peripheral device, modem or other data transfer device).
SOUT1
48
O
O3/6
Serial Output. Sends composite serial data to the communications link
(peripheral device, modem or other data transfer device). These signals
are set active high after a system reset.
Signal
Pin(s)
I/O
Buffer Type
Description
GPIO00-04
11, 12,
13, 14,
15
I/O
INTS/
OD6,O3/6
General-Purpose I/O Port 0, bits 0-4. Each pin is configured independent-
ly as input or I/O, with or without static pull-up, and with either open-drain or
push-pull output type. The port supports interrupt assertion, and each pin
can be enabled or masked as an interrupt source.
GPIO20-21,
GPIO23
17, 21
22
I/O
INTS/
OD6,O3/6
General-Purpose I/O Port 2, bits 0,1,3. Same as Port 0, without
interrupt support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com