Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 2Page - National Semiconductor (TI) PC87382 Datasheet HTML 3Page - National Semiconductor (TI) PC87382 Datasheet HTML 4Page - National Semiconductor (TI) PC87382 Datasheet HTML 5Page - National Semiconductor (TI) PC87382 Datasheet HTML 6Page - National Semiconductor (TI) PC87382 Datasheet HTML 7Page - National Semiconductor (TI) PC87382 Datasheet HTML 8Page - National Semiconductor (TI) PC87382 Datasheet HTML 9Page - National Semiconductor (TI) PC87382 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Table of Contents (Continued)
www.national.com
6
Revision 1.2
5.3
EVENT HANDLING AND SYSTEM NOTIFICATION ................................................................ 40
5.3.1
Event Configuration ..................................................................................................... 40
5.3.2
System Notification ...................................................................................................... 40
5.4
GPIO PORT REGISTERS ......................................................................................................... 41
5.4.1
GPIO Pin Configuration Registers Structure ............................................................... 42
5.4.2
GPIO Port Runtime Register Map ............................................................................... 42
5.4.3
GPIO Data Out Register (GPDO) ................................................................................ 42
5.4.4
GPIO Data In Register (GPDI) .................................................................................... 43
5.4.5
GPIO Event Enable Register (GPEVEN) .................................................................... 43
5.4.6
GPIO Event Status Register (GPEVST) ...................................................................... 43
6.0
Docking LPC Switch
6.1
OVERVIEW ............................................................................................................................... 44
6.2
FUNCTIONAL DESCRIPTION .................................................................................................. 44
6.2.1
Basic Functionality ....................................................................................................... 44
6.2.2
LDRQ Sharing Mechanism .......................................................................................... 44
6.3
DOCKING LPC SWITCH REGISTERS ..................................................................................... 45
6.3.1
Docking LPC Switch Register Map .............................................................................. 45
6.3.2
Docking LPC Control (DLCTL) .................................................................................... 45
7.0
Legacy Functional Blocks
7.1
SERIAL PORT 1 (SP1) .............................................................................................................. 47
7.1.1
General Description ..................................................................................................... 47
7.1.2
Register Bank Overview .............................................................................................. 47
7.1.3
SP1 Register Maps ...................................................................................................... 48
7.1.4
SP1 Bitmap Summary ................................................................................................. 49
7.2
IR FUNCTIONALITY (IR) ........................................................................................................... 51
7.2.1
General Description ..................................................................................................... 51
7.2.2
Register Bank Overview .............................................................................................. 51
7.2.3
IR Register Map for IR Functionality ............................................................................ 52
7.2.4
IR Bitmap Summary for IR Functionality
................................................................. 55
8.0
Device Characteristics
8.1
GENERAL DC ELECTRICAL CHARACTERISTICS ................................................................. 58
8.1.1
Recommended Operating Conditions ......................................................................... 58
8.1.2
Absolute Maximum Ratings ......................................................................................... 58
8.1.3
Capacitance ................................................................................................................59
8.1.4
Power Consumption under Recommended Operating Conditions .............................. 59
8.1.5
Voltage Thresholds ...................................................................................................... 59
8.2
DC CHARACTERISTICS OF PINS, BY I/O BUFFER TYPES .................................................. 59
8.2.1
Input, PCI 3.3V ............................................................................................................59
8.2.2
Input, TTL Compatible ................................................................................................. 60
8.2.3
Input, TTL Compatible with Schmitt Trigger ................................................................ 60
8.2.4
Output, PCI 3.3V ......................................................................................................... 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com