Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 8Page - National Semiconductor (TI) PC87382 Datasheet HTML 9Page - National Semiconductor (TI) PC87382 Datasheet HTML 10Page - National Semiconductor (TI) PC87382 Datasheet HTML 11Page - National Semiconductor (TI) PC87382 Datasheet HTML 12Page - National Semiconductor (TI) PC87382 Datasheet HTML 13Page - National Semiconductor (TI) PC87382 Datasheet HTML 14Page - National Semiconductor (TI) PC87382 Datasheet HTML 15Page - National Semiconductor (TI) PC87382 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
12
Revision1.2
1.3.7
Power and Ground
1.3.8
Strap Configuration
1.3.9
Test and Miscellaneous
Signal
Pin(s)
I/O
Buffer Type
Description
VDD
35, 24, 8
I
PWR
Main 3.3V Power Supply.
VSS
34, 23, 9
I
GND
Ground.
Signal
Pin(s)
I/O
Buffer Type
Description
BADDR
2
I
INTS
Base Address. Sampled at VDD Power-Up reset to determine the base
address of the configuration Index-Data register pair.
– No pull-down resistor (default)
- the Index-Data pair at
164Eh-164Fh.
–10K
Ω1 external pull-down resistor - the Index-Data pair at 2Eh-2Fh1.
The external pull-down resistor must be connected to VSS.
1. Because the strap function is multiplexed with the Serial Port pins, a CMOS transceiver device is recommended
for Serial Port functionality; in this case, the value of the external pull-down resistor is 10 K
Ω. If, however, a TTL
transceiver device is used, the value of the external pull-down resistor must be 470
Ω, and since the Serial Port
pins are not able to drive this load, the external pull-down resistor must disconnect tEPLV after VDD power-up
(see Section 8.4.5 on page 66).
TRIS
47
I
INTS
TRI-STATE Device. Sampled at VDD Power-Up to force the device to
float all its output and I/O pins.
– No pull-down resistor (default)
- normal pin operation
–10K
Ω1 external pull-down resistor - floating device pins
The external pull-down resistor must be connected to VSS.
When TRIS is set to 0 (by an external pull-down resistor), TEST must be
1 (i.e., left unconnected).
TEST
48
I
INTS
XOR Tree Test Mode. Sampled at VDD Power-Up to force the device
pins into a XOR tree configuration.
– No pull-down resistor (default)
- normal device operation
–10K
Ω1 external pull-down resistor - pins configured as XOR tree.
The external pull-down resistor must be connected to VSS.
When TEST is set to 0 (by an external pull-down resistor), TRIS must be
1 (i.e., left unconnected).
Signal
Pin(s)
I/O
Buffer Type
Description
XOR_OUT
16
O
O3/6
XOR Tree Output. All the device pins (except ground and power pins)
are internally connected in a XOR tree structure.
VCORF
10
I/O
-
On-Chip Core Power Converter Filter. Powers the core logic of all the
device modules. An external 0.1
µF ceramic filter capacitor must be
connected between this pin and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com