Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 10Page - National Semiconductor (TI) PC87382 Datasheet HTML 11Page - National Semiconductor (TI) PC87382 Datasheet HTML 12Page - National Semiconductor (TI) PC87382 Datasheet HTML 13Page - National Semiconductor (TI) PC87382 Datasheet HTML 14Page - National Semiconductor (TI) PC87382 Datasheet HTML 15Page - National Semiconductor (TI) PC87382 Datasheet HTML 16Page - National Semiconductor (TI) PC87382 Datasheet HTML 17Page - National Semiconductor (TI) PC87382 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
www.national.com
14
Revision 1.2
2.0
Power, Reset and Clocks
2.1
POWER
2.1.1
Power Planes
The PC87382 has a single 3.3V power source, VDD. Internally, an additional power plane (VCORF) is generated using an on-
chip voltage converter. This power plane feeds all the core logic.
2.1.2
Power States
The following terminology is used in this document to describe the power states:
• Power On - V
DD is active.
• Power Off - V
DD is inactive.
2.1.3
Power Connection and Layout Guidelines
The PC87382 requires a power supply voltage of 3.3V
± 10% for the V
DD supply. The on-chip Core voltage converter gen-
erates a voltage below 3V for the internal logic.
VDD and VCORF use a common ground return marked VSS.
To obtain the best performance, bear in mind the following recommendations.
Ground Connection. The following items must be connected to the ground layer (VSS) as close to the device as possible:
• The ground return (V
SS) pins
• The decoupling capacitors of the Main power supply (V
DD) pins
• The decoupling capacitor of the on-chip Core power converter (V
CORF) pin
Note that a low-impedance ground layer also improves noise isolation.
Decoupling Capacitors. The following decoupling capacitors must be used in order to reduce EMI and ground bounce:
• Main power supply (V
DD): Place one 0.1 µF capacitor on each VDD-VSS pin pair, as close to the pin as possible. In ad-
dition, place one 10
−47 µF tantalum capacitor on the common net as close to the device as possible.
• On-Chip Core power converter (V
CORF): Place one 0.1 µF ceramic capacitor on the VCORF-VSS pin pair as close to the
pin as possible.
Figure 1. Decoupling Capacitors Connection
VDD
0.1
µF
VSS
+
10-47
µF
Main 3.3V
VDD
VSS
VDD
VSS
0.1
µF
0.1
µF
34
35
VCORF
0.1
µF
PC87382
8
9
10
24
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com