Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 9Page - National Semiconductor (TI) PC87382 Datasheet HTML 10Page - National Semiconductor (TI) PC87382 Datasheet HTML 11Page - National Semiconductor (TI) PC87382 Datasheet HTML 12Page - National Semiconductor (TI) PC87382 Datasheet HTML 13Page - National Semiconductor (TI) PC87382 Datasheet HTML 14Page - National Semiconductor (TI) PC87382 Datasheet HTML 15Page - National Semiconductor (TI) PC87382 Datasheet HTML 16Page - National Semiconductor (TI) PC87382 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.2
13
www.national.com
1.4
INTERNAL PULL-UP AND PULL-DOWN RESISTORS
The signals listed in Table 2 can optionally support internal pull-up (PU) and/or pull-down (PD) resistors. See Section 8.3 on
page 62 for the values of each resistor type.
Table 2. Internal Pull-Up and Pull-Down Resistors
Signal
Pin(s)
Type
Comments
General-Purpose Input/Output (GPIO) Ports
GPIO00-04
11, 12,13,
14, 15
PU30
Programmable
GPIO21
21
PU80
Programmable
GPIO20,
GPIO23
17, 22
PU30
Programmable
Strap Configuration and Testability
BADDR
2
PU30
Strap1
1. Active only during VDD Power-Up reset.
TEST
48
PU30
Strap1
TRIS
47
PU30
Strap1
Docking LPC
DLAD3-0
33, 37, 39,
41
PU30
Active when the switch is off2
2. The Docking LPC signal resistors are active when the corresponding
switch is off.
DLCLK
26
PU30
Active when the switch is off2
DCLKOUT
42
PU80
Active when the switch is off2
DLFRAME
31
PU30
Active when the switch is off2
DLRESET
18
PD120
Active when the switch is off2
DSERIRQ
29
PU30
Active when the switch is off2
DCLKRUN
20
PU30
Active when the switch is off2
DLDRQ
4
PU30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com