Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87382 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 41Page - National Semiconductor (TI) PC87382 Datasheet HTML 42Page - National Semiconductor (TI) PC87382 Datasheet HTML 43Page - National Semiconductor (TI) PC87382 Datasheet HTML 44Page - National Semiconductor (TI) PC87382 Datasheet HTML 45Page - National Semiconductor (TI) PC87382 Datasheet HTML 46Page - National Semiconductor (TI) PC87382 Datasheet HTML 47Page - National Semiconductor (TI) PC87382 Datasheet HTML 48Page - National Semiconductor (TI) PC87382 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
6.0 Docking LPC Switch (Continued)
Revision 1.2
45
www.national.com
6.3
DOCKING LPC SWITCH REGISTERS
The register maps in this chapter use the following abbreviations for Type:
q
R/W = Read/Write.
q
RO = Read Only.
6.3.1
Docking LPC Switch Register Map
6.3.2
Docking LPC Control (DLCTL)
This register is reset by VDD Power-Up reset.
Location: Device specific
Type:
R/W
Offset
Mnemonic
Register Name
Type
Section
Device specific 1
1. The location of this register is defined in the Section 3.11.1 on page 36.
DLCTL
Docking LPC Control
R/W
6.3.2
Device specific 1
Reserved
Reserved
RO
-
Bit
76543210
Name
Reserved
EXP
CLK2RSTVAL
DLCON
Reset
00000000
Bit
Type
Description
7-4
Reserved.
3RO
EXP (Timer Expired). When set, this bit indicates that the CLK2RST timer expired. The bit is
cleared on the switch disconnection.
2-1
R/W
CLK2RSTVAL (CLK2RST Timer Value). Defines the minimum time interval from the connection of
DLCLK until DLRESET de-assertion. The interval is measured in LCLK clock cycles.
Bits
2 1
Minimum Time Interval
0 0:
0 - the Timer is disabled (default)
0 1:
33*tCYC
1 0:
330*tCYC
1 1:
3300*tCYC
0
R/W
DLCON (Docking LPC Connect). Setting this bit triggers the Docking LPC Connection procedure.
Clearing this bit disables the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com