Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 5 Page - Abracon Corporation

  AB08X5-RTC Datasheet HTML 1Page - Abracon Corporation AB08X5-RTC Datasheet HTML 2Page - Abracon Corporation AB08X5-RTC Datasheet HTML 3Page - Abracon Corporation AB08X5-RTC Datasheet HTML 4Page - Abracon Corporation AB08X5-RTC Datasheet HTML 5Page - Abracon Corporation AB08X5-RTC Datasheet HTML 6Page - Abracon Corporation AB08X5-RTC Datasheet HTML 7Page - Abracon Corporation AB08X5-RTC Datasheet HTML 8Page - Abracon Corporation AB08X5-RTC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 5 of 33
Abracon Drawing #453567
Revision: C
3. AB08X5 Example Applications
3.1 Battery Backed Up RTC
The most common AB08X5 application is a battery backed up RTC, which maintains time and may hold
data in RAM. The AB08X5 is normally powered from a system power supply, which may be a larger
battery. The AB08X5 is continuously charging a supercapacitor or rechargeable battery via the internal
trickle charger. When the main power supply goes away, the AB08X5 automatically switches to the VBAT
supply and maintains time and RAM data at very low battery supply currents.
3.2 RTC with Interrupt Aggregation
The flexible inputs of the AB08X5 can be used to aggregate a variety of interrupt sources, including
external digital inputs, analog levels, timers and alarms into a single interrupt source to an MCU.
VCC
VSS
FOUT/nIRQ
IRQ
VCC
VSS
AB08X5
MCU
I2C/SPI
VBAT
System Power
Battery/
Supercap
XO
XI
1.5k*
* Total battery series impedance = 1.5k ohms, which may require an external resistor
VCC
VSS
FOUT/nIRQ
IRQ
VCC
VSS
AB08X5
MCU
I2C/SPI
System Power
XO
XI
WDI
EXTI
VBAT
Analog Level
Digital Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com