Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 19 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 19 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 15Page - Abracon Corporation AB08X5-RTC Datasheet HTML 16Page - Abracon Corporation AB08X5-RTC Datasheet HTML 17Page - Abracon Corporation AB08X5-RTC Datasheet HTML 18Page - Abracon Corporation AB08X5-RTC Datasheet HTML 19Page - Abracon Corporation AB08X5-RTC Datasheet HTML 20Page - Abracon Corporation AB08X5-RTC Datasheet HTML 21Page - Abracon Corporation AB08X5-RTC Datasheet HTML 22Page - Abracon Corporation AB08X5-RTC Datasheet HTML 23Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 19 of 33
Abracon Drawing #453567
Revision: C
Figure 12 shows the typical VBAT power state operating current vs. temperature in RC mode.
Figure 12. Typical VBAT Current vs. Temperature in RC Mode
Figure 13 shows the typical VBAT power state operating current vs. temperature in RC Autocalibration
mode.
Figure 13. Typical VBAT Current vs. Temperature in RC Autocalibration Mode
5
15
25
35
45
55
65
75
‐40
‐30
‐20
‐10
0
10
20
304050607080
Temperature  (°C)
VBAT = 1.8V
VBAT = 3.0V
TA = 25 °C
5
10
15
20
25
30
35
40
45
50
55
‐40
‐30
‐20
‐10
0
10203040
50
6070
Temperature (°C)
VBAT = 1.8V
VBAT = 3.0V
TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com