Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 27 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 27 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 23Page - Abracon Corporation AB08X5-RTC Datasheet HTML 24Page - Abracon Corporation AB08X5-RTC Datasheet HTML 25Page - Abracon Corporation AB08X5-RTC Datasheet HTML 26Page - Abracon Corporation AB08X5-RTC Datasheet HTML 27Page - Abracon Corporation AB08X5-RTC Datasheet HTML 28Page - Abracon Corporation AB08X5-RTC Datasheet HTML 29Page - Abracon Corporation AB08X5-RTC Datasheet HTML 30Page - Abracon Corporation AB08X5-RTC Datasheet HTML 31Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 27 of 33
Abracon Drawing #453567
Revision: C
Table 14: Tape and Reel Dimensions
330 x 178 x 12 mm Reel Dimensions
3x3 QFN Carrier Tape Dimensions
Symbol
MIN
TYP
MAX
Units
Symbol
MIN
TYP
MAX
Units
T
2.3
2.5
2.7
mm
B0
3.2
3.3
3.4
mm
N
178.0
K0
0.9
1.0
1.1
L
330.0
K1
0.25
0.3
0.35
W1
12.4
12.4
12.6
D0
1.50
1.55
1.60
W2
18.4
D1
1.5
W3
12.4
15.4
P0
3.9
4.0
4.1
C
12.8
13.0
13.5
P1
7.9
8.0
8.1
D
20.2
P2
1.9
2.0
2.1
A
10.0
A0
3.2
3.3
3.4
G
4.0
E1
1.65
1.75
1.85
B
1.5
F
5.4
5.5
5.6
W
11.7
12.0
12.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com