Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 24 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 24 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 20Page - Abracon Corporation AB08X5-RTC Datasheet HTML 21Page - Abracon Corporation AB08X5-RTC Datasheet HTML 22Page - Abracon Corporation AB08X5-RTC Datasheet HTML 23Page - Abracon Corporation AB08X5-RTC Datasheet HTML 24Page - Abracon Corporation AB08X5-RTC Datasheet HTML 25Page - Abracon Corporation AB08X5-RTC Datasheet HTML 26Page - Abracon Corporation AB08X5-RTC Datasheet HTML 27Page - Abracon Corporation AB08X5-RTC Datasheet HTML 28Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 24 of 33
Abracon Drawing #453567
Revision: C
Table 12: SPI AC Electrical Parameters
SYMBOL
PARAMETER
VCC
MIN
TYP
MAX
UNIT
fSCL
SCL input clock frequency
1.7V–3.6V
0.01
2
MHz
tLOW
Low period of SCL clock
1.7V–3.6V
200
ns
tHIGH
High period of SCL clock
1.7V–3.6V
200
ns
tRISE
Rise time of all signals
1.7V–3.6V
1
µs
tFALL
Fall time of all signals
1.7V–3.6V
1
µs
tSU:NCE
nCE low setup time to SCL
1.7V–3.6V
200
ns
tHD:NCE
nCE hold time to SCL
1.7V–3.6V
200
ns
tSU:CE
nCE high setup time to SCL
1.7V–3.6V
200
ns
tSU:SDI
SDI setup time
1.7V–3.6V
40
ns
tHD:SDI
SDI hold time
1.7V–3.6V
50
ns
tSU:SDO
SDO output delay from SCL
1.7V–3.6V
150
ns
tHD:SDO
SDO output hold from SCL
1.7V–3.6V
0
ns
tHZ
SDO output Hi-Z from nCE
1.7V–3.6V
250
ns
tBUF
nCE high time before a new transmission
1.7V–3.6V
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com