Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 31 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 31 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 25Page - Abracon Corporation AB08X5-RTC Datasheet HTML 26Page - Abracon Corporation AB08X5-RTC Datasheet HTML 27Page - Abracon Corporation AB08X5-RTC Datasheet HTML 28Page - Abracon Corporation AB08X5-RTC Datasheet HTML 29Page - Abracon Corporation AB08X5-RTC Datasheet HTML 30Page - Abracon Corporation AB08X5-RTC Datasheet HTML 31Page - Abracon Corporation AB08X5-RTC Datasheet HTML 32Page - Abracon Corporation AB08X5-RTC Datasheet HTML 33Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 31 of 33
Abracon Drawing #453567
Revision: C
10. ABRACON CORPORATION – TERMS & CONDITIONS OF SALE
The following are the terms and conditions under which Abracon Corporation (“AB”) agrees to sell, to the
entity named on the face hereof (“Buyer”), the products specified on the face hereof (the “Products”).
Notwithstanding Buyer’s desire to use standardized RFQs, purchase order forms, order forms,
acknowledgment forms and other documents which may contain terms in addition to or at variance with
these terms, it is expressly understood and agreed that other forms shall neither add to, nor vary, these
terms whether or not these terms are referenced therein. Buyer may assent to these terms by written
acknowledgment, implication and/or by acceptance or payment of goods ordered any of which will
constitute assent.
1.
Prices
: Prices shown on the face hereof are in US dollars, with delivery terms specified herein and
are exclusive of any other charges including, without limitation, fees for export, special packaging,
freight, insurance and similar charges. AB reserves the right to increase the price of Products by writ-
ten notice to Buyer at least thirty (30) days prior to the original date of shipment. When quantity price
discounts are quoted by AB, the discounts are computed separately for each type of product to be
sold and are based upon the quantity of each type and each size ordered at any one time. If any dis-
counted order is reduced by Buyer with AB’s consent, the prices shall be adjusted to the higher prices,
if applicable, for the remaining order.
2.
Taxes
: Unless otherwise specified in the quotation, the prices do not include any taxes, import or
export duties, tariffs, customs charges or any such other levies. Buyer agrees to reimburse AB the
amount of any federal, state, county, municipal, or other taxes, duties, tariffs, or custom charges AB is
required to pay. If Buyer is exempt from any such charges, Buyer must provide AB with appropriate
documentation.
3.
Payment Terms
: For each shipment, AB will invoice Buyer for the price of the Products plus all appli-
cable taxes, packaging, transportation, insurance and other charges. Unless otherwise stated in a
separate agreement or in AB’s quotation, payments are due within thirty (30) days from the date of
invoice, subject to AB’s approval of Buyer’s credit application. All invoicing disputes must be submit-
ted in writing to AB within ten (10) days of the receipt of the invoice accompanied by a reasonably
detailed explanation of the dispute. Payment of the undisputed amounts shall be made timely. AB
reserves the right to require payment in advance or C.O.D. and otherwise modified credit terms.
When partial shipments are made, payments for such shipments shall become due in accordance
with the above terms upon submission of invoices. If, at the request of Buyer, shipment is postponed
for more than thirty (30) days, payment will become due thirty days after notice to Buyer that Products
are ready for shipment. Any unpaid due amounts will be subject to interest at one decimal five per-
cent (1.5%) per month, or, if less, the maximum rate allowed by law.
4.
Delivery and Shipment
: Shipment dates are estimates only. Failure to deliver by a specified date
shall neither entitle Buyer to any compensation nor impose any liability on AB. AB reserves the right
to ship and bill ten percent more or less than the exact quantity specified on the face hereof. All ship-
ments will be made Ex Works as per Incoterms 2000 from AB’s place of shipment. In the absence of
specific instructions, AB will select the carrier. Claims against AB for shortages must be made in writ-
ing within ten (10) days after the arrival of the shipment. AB is not required to notify Buyer of the ship-
ment. Buyer shall pay all freight charges, insurance and other shipping expenses. Freight charges,
insurance and other shipping expenses itemized in advance of actual shipment, if any, are estimates
only that are calculated on the basis of standard tariffs and may not reflect actual costs. Buyer must
pay actual costs.
5.
Purchase Order Changes and Cancellations
: Purchase orders for standard AB Products may not
be canceled within sixty (60) days of the original shipping date. Purchase orders for non-standard AB
Products are non-cancelable and non-returnable. All schedule changes must be requested at least
thirty (30) days prior to original shipping date. Maximum schedule change “push-out” shall be no
more than thirty (30) days from original shipping date. AB may terminate or cancel this order, in whole
or in part, at any time prior to the completion of performance by written notice to Buyer without incur-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com