Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 13 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 13 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 9Page - Abracon Corporation AB08X5-RTC Datasheet HTML 10Page - Abracon Corporation AB08X5-RTC Datasheet HTML 11Page - Abracon Corporation AB08X5-RTC Datasheet HTML 12Page - Abracon Corporation AB08X5-RTC Datasheet HTML 13Page - Abracon Corporation AB08X5-RTC Datasheet HTML 14Page - Abracon Corporation AB08X5-RTC Datasheet HTML 15Page - Abracon Corporation AB08X5-RTC Datasheet HTML 16Page - Abracon Corporation AB08X5-RTC Datasheet HTML 17Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 13 of 33
Abracon Drawing #453567
Revision: C
Figure 4 shows the typical calibrated RC oscillator frequency variation vs. temperature. RC oscillator
calibrated at 2.8V, 25°C.
Figure 4. Calibrated RC Oscillator Typical Frequency Variation vs. Temperature
Figure 5 shows the typical uncalibrated RC oscillator frequency variation vs. temperature.
Figure 5. Uncalibrated RC Oscillator Typical Frequency Variation vs. Temperature
115
120
125
130
135
140
145
150
‐40
‐30
‐20
‐10
0
102030
40
50
607080
Temperature (°C)
VCC = 1.8V
VCC = 3.0V
TA = 25 °C
115
120
125
130
135
140
145
‐40
‐30
‐20
‐10
0
102030
40
50
607080
Temperature (°C)
VCC = 1.8V
VCC = 3.0V
TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com