Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 29 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 29 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 25Page - Abracon Corporation AB08X5-RTC Datasheet HTML 26Page - Abracon Corporation AB08X5-RTC Datasheet HTML 27Page - Abracon Corporation AB08X5-RTC Datasheet HTML 28Page - Abracon Corporation AB08X5-RTC Datasheet HTML 29Page - Abracon Corporation AB08X5-RTC Datasheet HTML 30Page - Abracon Corporation AB08X5-RTC Datasheet HTML 31Page - Abracon Corporation AB08X5-RTC Datasheet HTML 32Page - Abracon Corporation AB08X5-RTC Datasheet HTML 33Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 29 of 33
Abracon Drawing #453567
Revision: C
8. Ordering Information
Table 16: Ordering Information
AB08X5 Orderable Part Numbers
Package
Temperature
Range
MSL Level(2)
P/N
Tape and Reel Qty
AB0805-T3
3000pcs/reel
Pb-Free(1) 16-Pin QFN 3 x
3 mm
-40 to +85 °C
1
AB0815-T3
3000pcs/reel
(1) Compliant and certified with the current RoHS requirements for all 6 substances, including the requirement that lead not
exceed 0.1% by weight in raw homogeneous materials. The package was designed to be soldered at high temperatures
(per reflow profile) and can be used in specified lead-free processes.
(2) Moisture Sensitivity Level rating according to the JEDEC J-STD-020D.1 industry standard classifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com