Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 20 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 20 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 16Page - Abracon Corporation AB08X5-RTC Datasheet HTML 17Page - Abracon Corporation AB08X5-RTC Datasheet HTML 18Page - Abracon Corporation AB08X5-RTC Datasheet HTML 19Page - Abracon Corporation AB08X5-RTC Datasheet HTML 20Page - Abracon Corporation AB08X5-RTC Datasheet HTML 21Page - Abracon Corporation AB08X5-RTC Datasheet HTML 22Page - Abracon Corporation AB08X5-RTC Datasheet HTML 23Page - Abracon Corporation AB08X5-RTC Datasheet HTML 24Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 20 of 33
Abracon Drawing #453567
Revision: C
Figure 14 shows the typical VBAT power state operating current vs. voltage for XT Oscillator and RC
Oscillator modes and the average current in RC Autocalibrated mode, VCC = 0 V.
Figure 14. Typical VBAT Current vs. Voltage, Different Modes of Operation
Figure 15 shows the typical VBAT current when operating in the VCC power state, VCC = 1.7 V.
Figure 15. Typical VBAT Current vs. Voltage in VCC Power State
0
10
20
30
40
50
60
70
1.5
2
2.5
3
3.5
VBAT Voltage (V)
RC Oscillator Mode
XT Oscillator Mode
RC Autocalibrated  Mode
TA = 25 °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.52
2.53
3.5
VBAT Voltage (V)
TA = 25 °C, VCC = 1.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com