Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 8 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 8 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 4Page - Abracon Corporation AB08X5-RTC Datasheet HTML 5Page - Abracon Corporation AB08X5-RTC Datasheet HTML 6Page - Abracon Corporation AB08X5-RTC Datasheet HTML 7Page - Abracon Corporation AB08X5-RTC Datasheet HTML 8Page - Abracon Corporation AB08X5-RTC Datasheet HTML 9Page - Abracon Corporation AB08X5-RTC Datasheet HTML 10Page - Abracon Corporation AB08X5-RTC Datasheet HTML 11Page - Abracon Corporation AB08X5-RTC Datasheet HTML 12Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 8 of 33
Abracon Drawing #453567
Revision: C
FOUT/nIRQ
Primary interrupt output connection. This pin is an open drain output. An external pull-up resistor must
be added to this pin. It should be connected to the host device and is used to indicate when the RTC
can be accessed via the serial interface. FOUT/nIRQ may be configured to generate several signals as
a function of the OUT1S field(see 0x11 - Control2). FOUT/nIRQ is also asserted low on a power up
until the AB08X5 has exited the reset state and is accessible via the I/O interface.
1. FOUT/nIRQ can drive the value of the OUT bit.
2. FOUT/nIRQ can drive the inverse of the combined interrupt signal IRQ (see Interrupts).
3. FOUT/nIRQ can drive the square wave output (see 0x13 - SQW) if enabled by SQWE.
4. FOUT/nIRQ can drive the inverse of the alarm interrupt signal AIRQ (see Interrupts).
nIRQ2
1. Secondary interrupt output connection. It is an open drain output. This pin can be left floating if not
used. nIRQ2 may be configured to generate several signals as a function of the OUT2S field (see
0x11 - Control2). nIRQ2 can drive the value of the OUTB bit.
2. nIRQ2 can drive the square wave output (see 0x13 - SQW) if enabled by SQWE.
3. nIRQ2 can drive the inverse of the combined interrupt signal IRQ(see Interrupts).
4. nIRQ2 can drive the inverse of the alarm interrupt signal AIRQ(see Interrupts).
5. nIRQ2 can drive either sense of the timer interrupt signal TIRQ.
nTIRQ (only available in
I2C environments)
Timer interrupt output connection. It is an open drain output. nTIRQ always drives the active low nTIRQ
signal. If this pin is used, an external pull-up resistor must be added to this pin. If the pin is not used, it
can be left floating.
Table 3: Pin Descriptions
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com