Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 1 Page - Abracon Corporation

  AB08X5-RTC Datasheet HTML 1Page - Abracon Corporation AB08X5-RTC Datasheet HTML 2Page - Abracon Corporation AB08X5-RTC Datasheet HTML 3Page - Abracon Corporation AB08X5-RTC Datasheet HTML 4Page - Abracon Corporation AB08X5-RTC Datasheet HTML 5Page - Abracon Corporation AB08X5-RTC Datasheet HTML 6Page - Abracon Corporation AB08X5-RTC Datasheet HTML 7Page - Abracon Corporation AB08X5-RTC Datasheet HTML 8Page - Abracon Corporation AB08X5-RTC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 1 of 33
Abracon Drawing #453567
Revision: C
Features
• Ultra-low supply current (all at 3V):
- 14 nA with RC oscillator
- 22 nA with RC oscillator and Autocalibration
- 55 nA with crystal oscillator
• Baseline timekeeping features:
- 32.768 kHz crystal oscillator with integrated
load capacitor/resistor
- Counters for hundredths, seconds, minutes,
hours, date, month, year, century, and week-
day
- Alarm capability on all counters
- Programmable output clock generation
(32.768 kHz to 1 year)
- Countdown timer with repeat function
- Automatic leap year calculation
• Advanced timekeeping features:
- Integrated power optimized RC oscillator
- Advanced crystal calibration to ± 2 ppm
- Advanced RC calibration to ± 16 ppm
- Automatic calibration of RC oscillator to crystal
oscillator
- Watchdog timer with hardware reset
- 256 bytes of general purpose RAM
• Power management features:
- Automatic switchover to VBAT
- External interrupt monitor
- Programmable low battery detection threshold
- Programmable analog voltage comparator
•I2C (up to 400 kHz) and 3-wire or 4-wire SPI (up
to 2 MHz) serial interfaces available
• Operating voltage 1.5-3.6 V
• Clock and RAM retention voltage 1.5-3.6 V
• Operating temperature –40 to 85 °C
• All inputs include Schmitt Triggers
• 3x3 mm QFN-16 package
Applications
• Smart cards
• Wireless sensors and tags
• Medical electronics
• Utility meters
• Data loggers
• Appliances
• Handsets
• Consumer electronics
• Communications equipment
Description
The ABRACON AB08X5 Real-Time Clock
family
provides a groundbreaking combination of ultra-low
power coupled with a highly sophisticated feature
set. With power requirements significantly lower than
any other industry RTC (as low as 14 nA), these are
the first semiconductors based on
innovative
SPOTTM
(Subthreshold
Power
Optimized
Technology) CMOS platform. The AB08X5 includes
on-chip oscillators to provide minimum power
consumption, full RTC functions including battery
backup and programmable counters and alarms for
timer and watchdog functions, and either an I2C or
SPI serial interface for communication with a host
controller.
Disclaimer: AB08X5 series of devices are
based on innovative SPOT technology,
proprietary to Ambiq Micro.


Similar Part No. - AB08X5-RTC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB08X5 ABRACON-AB08X5 Datasheet
627Kb / 33P
AB08X5 Real-Time Clock Family
Revision: C
More results

Similar Description - AB08X5-RTC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
logo
Unisonic Technologies
LR9103G-XX-AE5-R UTC-LR9103G-XX-AE5-R Datasheet
217Kb / 5P
Ultra Supply Current
logo
Toshiba Semiconductor
TC75S102F TOSHIBA-TC75S102F Datasheet
275Kb / 7P
Single Operational Amplifier Ultra-Low supply current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com