Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 17 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 17 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 13Page - Abracon Corporation AB08X5-RTC Datasheet HTML 14Page - Abracon Corporation AB08X5-RTC Datasheet HTML 15Page - Abracon Corporation AB08X5-RTC Datasheet HTML 16Page - Abracon Corporation AB08X5-RTC Datasheet HTML 17Page - Abracon Corporation AB08X5-RTC Datasheet HTML 18Page - Abracon Corporation AB08X5-RTC Datasheet HTML 19Page - Abracon Corporation AB08X5-RTC Datasheet HTML 20Page - Abracon Corporation AB08X5-RTC Datasheet HTML 21Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 17 of 33
Abracon Drawing #453567
Revision: C
Figure 10 shows the typical VCC power state operating current during continuous I2C and SPI burst read
and write activity. Test conditions: TA = 25 °C, 0x55 data pattern, 25 s between each data byte, 20 pF
load on each bus pin, pull-up resistor current not included.
Figure 10. Typical VCC Current vs. Voltage, I
²C and SPI Burst Read/Write
0
5
10
15
20
25
30
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VCC  Voltage (V)
I2CBurst Read/Write
SPI Burst Read
SPI Burst Write
TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com