Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 16 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 16 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 12Page - Abracon Corporation AB08X5-RTC Datasheet HTML 13Page - Abracon Corporation AB08X5-RTC Datasheet HTML 14Page - Abracon Corporation AB08X5-RTC Datasheet HTML 15Page - Abracon Corporation AB08X5-RTC Datasheet HTML 16Page - Abracon Corporation AB08X5-RTC Datasheet HTML 17Page - Abracon Corporation AB08X5-RTC Datasheet HTML 18Page - Abracon Corporation AB08X5-RTC Datasheet HTML 19Page - Abracon Corporation AB08X5-RTC Datasheet HTML 20Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 16 of 33
Abracon Drawing #453567
Revision: C
Figure 8 shows the typical VCC power state operating current vs. temperature in RC Autocalibration mode.
Figure 8. Typical VCC Current vs. Temperature in RC Autocalibration Mode
Figure 9 shows the typical VCC power state operating current vs. voltage for XT Oscillator and RC
Oscillator modes and the average current in RC Autocalibrated mode.
Figure 9. Typical VCC Current vs. Voltage, Different Modes of Operation
5
10
15
20
25
30
35
40
45
50
55
‐40
‐30
‐20
‐10
0
10
2030405060
70
Temperature  (°C)
VCC = 1.8V
VCC = 3.0V
TA = 25 °C
0
10
20
30
40
50
60
70
1.52
2.53
3.5
VCC  Voltage (V)
RC Oscillator Mode
XT Oscillator Mode
RC Autocalibrated Mode
TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com