Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 12 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 12 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 8Page - Abracon Corporation AB08X5-RTC Datasheet HTML 9Page - Abracon Corporation AB08X5-RTC Datasheet HTML 10Page - Abracon Corporation AB08X5-RTC Datasheet HTML 11Page - Abracon Corporation AB08X5-RTC Datasheet HTML 12Page - Abracon Corporation AB08X5-RTC Datasheet HTML 13Page - Abracon Corporation AB08X5-RTC Datasheet HTML 14Page - Abracon Corporation AB08X5-RTC Datasheet HTML 15Page - Abracon Corporation AB08X5-RTC Datasheet HTML 16Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 12 of 33
Abracon Drawing #453567
Revision: C
5.4 Oscillator Parameters
Table 7 lists the oscillator parameters.
For Table 7, TA = -40 °C to 85 °C unless otherwise indicated.
VCC = 1.7 to 3.6V, TYP values at 25 °C and 3.0V.
Table 7: Oscillator Parameters
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FXT
XI and XO pin Crystal Fre-
quency
32.768
kHz
FOF
XT Oscillator failure detection
frequency
8kHz
CINX
Internal XI and XO pin capac-
itance
1pF
CEX
External XI and XO pin PCB
capacitance
1pF
OAXT
XT Oscillation Allowance
At 25°C using a 32.768 kHz
crystal
270
320
kΩ
FRCC
Calibrated RC Oscillator Fre-
quency(1)
Factory Calibrated at 25°C,
VCC = 2.8V
128
Hz
FRCU
Uncalibrated RC Oscillator
Frequency
Calibration Disabled (OFF-
SETR = 0)
89
122
220
Hz
JRCCC
RC Oscillator cycle-to-cycle
jitter
Calibration Disabled (OFF-
SETR = 0) – 128 Hz
2000
ppm
Calibration Disabled (OFF-
SETR = 0) – 1 Hz
500
AXT
XT mode digital calibration
accuracy(1)
Calibrated at an initial tem-
perature and voltage
-2
2
ppm
AAC
Autocalibration mode timing
accuracy, 512 second period,
TA = -10°C to 60°C(1)
24 hour run time
35
ppm
1 week run time
20
1 month run time
10
1 year run time
3
TAC
Autocalibration mode operat-
ing temperature(2)
-10
60
°C
(1) Timing accuracy is specified at 25°C after digital calibration of the internal RC oscillator and 32.768 kHz crystal. A typical
32.768 kHz tuning fork crystal has a negative temperature coefficient with a parabolic frequency deviation, which due to
the crystal alone can result in a change of up to 150 ppm across the entire operating temperature range of -40°C to 85°C
in XT mode. Autocalibration mode timing accuracy is specified relative to XT mode timing accuracy from -10°C to 60°C.
(2) Outside of this temperature range, the RC oscillator frequency change due to temperature may be outside of the allowable
RC digital calibration range (+/-12%) for autocalibration mode.If this happens, an autocalibration failure will occur and the
ACF interrupt flag is set. The AB08X5 should be switched to use the XT oscillator as its clock source. Please see the
Autocalibration Fail section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com