Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 25 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 25 Page - Abracon Corporation

Back Button AB08X5-RTC Datasheet HTML 21Page - Abracon Corporation AB08X5-RTC Datasheet HTML 22Page - Abracon Corporation AB08X5-RTC Datasheet HTML 23Page - Abracon Corporation AB08X5-RTC Datasheet HTML 24Page - Abracon Corporation AB08X5-RTC Datasheet HTML 25Page - Abracon Corporation AB08X5-RTC Datasheet HTML 26Page - Abracon Corporation AB08X5-RTC Datasheet HTML 27Page - Abracon Corporation AB08X5-RTC Datasheet HTML 28Page - Abracon Corporation AB08X5-RTC Datasheet HTML 29Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 25 of 33
Abracon Drawing #453567
Revision: C
5.10 Power On AC Electrical Characteristics
Figure 19 and Table 13 describe the power on AC electrical characteristics for the FOUT pin and XT
oscillator.
Figure 19. Power On AC Electrical Characteristics
For Table 13, T
A = -40 °C to 85 °C, VBAT < 1.2 V
Table 13: Power On AC Electrical Parameters
SYMBOL
PARAMETER
VCC
TA
MIN
TYP
MAX
UNIT
tLOW:VCC
Low period of VCC to ensure a valid POR
1.7V–3.6V
85 °C
0.1
s
25 °C
0.1
-20 °C
1.5
-40 °C
10
tVL:FOUT
VCC low to FOUT low
1.7V–3.6V
85 °C
0.1
s
25 °C
0.1
-20 °C
1.5
-40 °C
10
tVH:FOUT
VCC high to FOUT high
1.7V–3.6V
85 °C
0.4
s
25 °C
0.5
-20 °C
3
-40 °C
20
tXTST
FOUT high to XT oscillator start
1.7V–3.6V
85 °C
0.4
s
25 °C
0.4
-20 °C
0.5
-40 °C
1.5
VCC
FOUT tVL:FOUT
tLOW:VCC
tVH:FOUT
VCCRST
VCCST
XT
tXTST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com