Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB08X5-RTC Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 3 Page - Abracon Corporation

  AB08X5-RTC Datasheet HTML 1Page - Abracon Corporation AB08X5-RTC Datasheet HTML 2Page - Abracon Corporation AB08X5-RTC Datasheet HTML 3Page - Abracon Corporation AB08X5-RTC Datasheet HTML 4Page - Abracon Corporation AB08X5-RTC Datasheet HTML 5Page - Abracon Corporation AB08X5-RTC Datasheet HTML 6Page - Abracon Corporation AB08X5-RTC Datasheet HTML 7Page - Abracon Corporation AB08X5-RTC Datasheet HTML 8Page - Abracon Corporation AB08X5-RTC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 3 of 33
Abracon Drawing #453567
Revision: C
2. Functional Description
Figure 1 illustrates the AB08X5 functional design.
Figure 1. Detailed Block Diagram
The AB08X5 serves as a full function RTC for host processors such as microcontrollers. The AB08X5
includes 3 distinct feature groups: 1) baseline timekeeping features, 2) advanced timekeeping features,
and 3) basic power management features. Functions from each feature group may be controlled via I/O
offset mapped registers. These registers are accessed using either an I2C serial interface (e.g., in the
AB0805) or a SPI serial interface (e.g., in the AB0815). Each feature group is described briefly below and
in greater detail in subsequent sections.
The baseline timekeeping feature group supports the standard 32.786 kHz crystal (XT) oscillation mode for
maximum frequency accuracy with an ultra-low current draw of 55 nA. The baseline timekeeping feature
group also includes a standard set of counters monitoring hundredths of a second up through centuries. A
complement of countdown timers and alarms may additionally be set to initiate interrupts or resets on
several of the outputs.
XT Osc
RC Osc
Divider
Seconds
Minutes
Hours
Days
Weekdays
Months
Years
Power
Control
VCC VBAT
I2C/SPI
Interface
SCL
SDA/O
Control
Alarms
Int/Clock
FOUT/nIRQ
nIRQ2
VSS
SDI
nCE
WDI
RAM
XO
XI
nTIRQ
Timer
WDT
100ths
Divider
Calibration Engine
EXTI
Analog
Compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com