Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 8Page - Cypress Semiconductor PSOC4100M Datasheet HTML 9Page - Cypress Semiconductor PSOC4100M Datasheet HTML 10Page - Cypress Semiconductor PSOC4100M Datasheet HTML 11Page - Cypress Semiconductor PSOC4100M Datasheet HTML 12Page - Cypress Semiconductor PSOC4100M Datasheet HTML 13Page - Cypress Semiconductor PSOC4100M Datasheet HTML 14Page - Cypress Semiconductor PSOC4100M Datasheet HTML 15Page - Cypress Semiconductor PSOC4100M Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Document Number: 001-96519 Rev. *E
Page 12 of 41
PSoC® 4: PSoC 4100M Family
Datasheet
Descriptions of the power pin functions are as follows:
VDDD
: Power supply for both analog and digital sections (where there is no VDDA
pin).
VDDA
: Analog VDD pin where package pins allow; shorted to VDDD otherwise.
VDDIO:
I/O pin power domain.
VSSA:
Analog ground pin where package pins allow; shorted to VSS otherwise
VSS
: Ground pin.
VCCD
: Regulated Digital supply (1.8 V ±5%).
Port Pins can all be used as LCD Commons, LCD Segment drivers, or CSD sense
and shield pins can be connected to AMUXBUS A or B or can all be used as GPIO
pins that can be driven by firmware or DSI signals.
P6.0
tcpwm.line[4]:0
scb[3].uart_rx:0
scb[3].i2c_scl:0
scb[3].spi_mosi:0
P6.1
tcpwm.line_compl[4]:0
scb[3].uart_tx:0
scb[3].i2c_sda:0
scb[3].spi_miso:0
P6.2
tcpwm.line[5]:0
scb[3].uart_cts:0
scb[3].spi_clk:0
P6.3
tcpwm.line_compl[5]:0
scb[3].uart_rts:0
scb[3].spi_select0:0
P6.4
tcpwm.line[6]:0
scb[3].spi_select1:0
P6.5
tcpwm.line_compl[6]:0
scb[3].spi_select2:0
P3.0
tcpwm.line[0]:0
scb[1].uart_rx:1
scb[1].i2c_scl:2
scb[1].spi_mosi:0
P3.1
tcpwm.line_compl[0]:0
scb[1].uart_tx:1
scb[1].i2c_sda:2
scb[1].spi_miso:0
P3.2
tcpwm.line[1]:0
scb[1].uart_cts:1
swd_data
scb[1].spi_clk:0
P3.3
tcpwm.line_compl[1]:0
scb[1].uart_rts:1
swd_clk
scb[1].spi_select0:0
P3.4
tcpwm.line[2]:0
scb[1].spi_select1:0
P3.5
tcpwm.line_compl[2]:0
scb[1].spi_select2:0
P3.6
tcpwm.line[3]:0
scb[1].spi_select3:0
P3.7
tcpwm.line_compl[3]:0
P4.0
scb[0].uart_rx:0
scb[0].i2c_scl:1
scb[0].spi_mosi:0
P4.1
scb[0].uart_tx:0
scb[0].i2c_sda:1
scb[0].spi_miso:0
P4.2
csd[0].c_mod
scb[0].uart_cts:0
lpcomp.comp[0]:0
scb[0].spi_clk:0
P4.3
csd[0].c_sh_tank
scb[0].uart_rts:0
lpcomp.comp[1]:0
scb[0].spi_select0:0
P4.4
scb[0].spi_select1:2
P4.5
scb[0].spi_select2:2
P4.6
scb[0].spi_select3:2
P4.7
P7.0
tcpwm.line[0]:2
scb[3].uart_rx:1
scb[3].i2c_scl:1
scb[3].spi_mosi:1
P7.1
tcpwm.line_compl[0]:2
scb[3].uart_tx:1
scb[3].i2c_sda:1
scb[3].spi_miso:1
P7.2
tcpwm.line[1]:2
scb[3].uart_cts:1
scb[3].spi_clk:1
Port/Pin
Analog
Alt. Function 1
Alt. Function 2
Alt. Function 3
Alt. Function 4
Alt. Function 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com