Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 26Page - Cypress Semiconductor PSOC4100M Datasheet HTML 27Page - Cypress Semiconductor PSOC4100M Datasheet HTML 28Page - Cypress Semiconductor PSOC4100M Datasheet HTML 29Page - Cypress Semiconductor PSOC4100M Datasheet HTML 30Page - Cypress Semiconductor PSOC4100M Datasheet HTML 31Page - Cypress Semiconductor PSOC4100M Datasheet HTML 32Page - Cypress Semiconductor PSOC4100M Datasheet HTML 33Page - Cypress Semiconductor PSOC4100M Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 30 of 41
Table 36. ILO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID234
TSTARTILO1
ILO startup time
–
–
2
ms
Guaranteed by character-
ization
SID236
TILODUTY
ILO duty cycle
40
50
60
%
Guaranteed by character-
ization
SID237
FILOTRIM1
32 kHz trimmed frequency
15
32
50
kHz
Max ILO frequency is 70 kHz
if TA > 85 °C
Table 37. External Clock Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID305
ExtClkFreq
External Clock input Frequency
0
–
48
MHz
Guaranteed by character-
ization
SID306
ExtClkDuty
Duty cycle; Measured at VDD/2
45
–
55
%
Guaranteed by character-
ization
Table 38. Watch Crystal Oscillator (WCO) Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
IMO WCO-PLL calibrated mode
SID330
IMOWCO1
Frequency variation with IMO set to
3MHz
–0.6
–
0.6
%
Does not include WCO
tolerance
SID331
IMOWCO2
Frequency variation with IMO set to
5MHz
–0.4
–
0.4
%
Does not include WCO
tolerance
SID332
IMOWCO3
Frequency variation with IMO set to
7MHz or 9MHz
–0.3
–
0.3
%
Does not include WCO
tolerance
SID333
IMOWCO4
All other IMO frequency settings
–0.2
–
0.2
%
Does not include WCO
tolerance
WCO Specifications
SID398
FWCO
Crystal frequency
–
32.768
kHz
SID399
FTOL
Frequency tolerance
–
50
250
ppm
With 20-ppm crystal.
SID400
ESR
Equivalent series resistance
–
50
–
kΩ
SID401
PD
Drive level
–
–
1
µW
SID402
TSTART
Startup time
–
–
500
ms
SID403
CL
Crystal load capacitance
6
–
12.5
pF
SID404
C0
Crystal shunt capacitance
–
1.35
–
pF
SID405
IWCO1
Operating current (high power mode)
–
–
8
uA
Table 39. Block Specs
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID257
TWS24*
Number of wait states at 24 MHz
1
–
–
CPU execution from Flash
SID260
VREFSAR
Trimmed internal reference to SAR
–1
–
+1
%
Percentage of Vbg (1.024 V).
Guaranteed by character-
ization
SID261
FSARINTREF
SAR operating speed without
external reference bypass
–
–
100
ksps
12-bit resolution. Guaranteed
by characterization
SID262
TCLKSWITCH
Clock switching from clk1 to clk2 in
clk1 periods
3
–
4
Periods Guaranteed by design
* TWS24 is guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com