Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 25Page - Cypress Semiconductor PSOC4100M Datasheet HTML 26Page - Cypress Semiconductor PSOC4100M Datasheet HTML 27Page - Cypress Semiconductor PSOC4100M Datasheet HTML 28Page - Cypress Semiconductor PSOC4100M Datasheet HTML 29Page - Cypress Semiconductor PSOC4100M Datasheet HTML 30Page - Cypress Semiconductor PSOC4100M Datasheet HTML 31Page - Cypress Semiconductor PSOC4100M Datasheet HTML 32Page - Cypress Semiconductor PSOC4100M Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 29 of 41
SWD Interface
Internal Main Oscillator
Internal Low-Speed Oscillator
Table 32. SWD Interface Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID213
F_SWDCLK1
3.3 V
 VDD  5.5 V
–
–
14
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID214
F_SWDCLK2
1.71 V
 VDD  3.3 V
–
–
7
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID215
T_SWDI_SETUP T = 1/f SWDCLK
0.25*T
–
–
ns
Guaranteed by
characterization
SID216
T_SWDI_HOLD T = 1/f SWDCLK
0.25*T
–
–
ns
Guaranteed by
characterization
SID217
T_SWDO_VALID T = 1/f SWDCLK
–
–
0.5*T
ns
Guaranteed by
characterization
SID217A
T_SWDO_HOLD T = 1/f SWDCLK
1
–
–
ns
Guaranteed by
characterization
Table 33. IMO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID218
IIMO1
IMO operating current at 48 MHz
–
–
1000
µA
SID219
IIMO2
IMO operating current at 24 MHz
–
–
325
µA
SID220
IIMO3
IMO operating current at 12 MHz
–
–
225
µA
SID221
IIMO4
IMO operating current at 6 MHz
–
–
180
µA
SID222
IIMO5
IMO operating current at 3 MHz
–
–
150
µA
Table 34. IMO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID223
FIMOTOL1
Frequency variation from 3 to
48 MHz
–
–
±2
%
±3% if TA > 85 °C and
IMO frequency <
24 MHz
SID226
TSTARTIMO
IMO startup time
–
–
12
µs
SID227
TJITRMSIMO1
RMS Jitter at 3 MHz
–
156
–
ps
SID228
TJITRMSIMO2
RMS Jitter at 24 MHz
–
145
–
ps
SID229
TJITRMSIMO3
RMS Jitter at 48 MHz
–
139
–
ps
Table 35. ILO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID231
IILO1
ILO operating current at 32 kHz
–
0.3
1.05
µA
Guaranteed by
Characterization
SID233
IILOLEAK
ILO leakage current
–
2
15
nA
Guaranteed by Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com