Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 28Page - Cypress Semiconductor PSOC4100M Datasheet HTML 29Page - Cypress Semiconductor PSOC4100M Datasheet HTML 30Page - Cypress Semiconductor PSOC4100M Datasheet HTML 31Page - Cypress Semiconductor PSOC4100M Datasheet HTML 32Page - Cypress Semiconductor PSOC4100M Datasheet HTML 33Page - Cypress Semiconductor PSOC4100M Datasheet HTML 34Page - Cypress Semiconductor PSOC4100M Datasheet HTML 35Page - Cypress Semiconductor PSOC4100M Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 32 of 41
The nomenclature used in the preceding table is based on the following part numbering convention:
Part Numbering Conventions
The part number fields are defined as follows.
Field
Description
Values
Meaning
CY8C
Cypress Prefix
4
Architecture
4
PSoC 4
A
Family
1
4100 Family
B
CPU Speed
4
48 MHz
C
Flash Capacity
416 KB
532 KB
664 KB
7
128 KB
DE
Package Code
AX, AZ
TQFP
LQ
QFN
BU
BGA
FD
CSP
F
Temperature Range
I
Industrial
Q
Extended Industrial
S
Silicon Family
N/A
PSoC 4 Base Series
L
PSoC 4 L-Series
BL
PSoC 4 BLE
M
PSoC 4 M-Series
XYZ
Attributes Code
000-999
Code of feature set in the specific family
Architecture
Cypress Prefix
Family Group within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Attributes Code
CY8C
4 A
E
D
C
BF
X
S
-Y Z
Silicon Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com