Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 21Page - Cypress Semiconductor PSOC4100M Datasheet HTML 22Page - Cypress Semiconductor PSOC4100M Datasheet HTML 23Page - Cypress Semiconductor PSOC4100M Datasheet HTML 24Page - Cypress Semiconductor PSOC4100M Datasheet HTML 25Page - Cypress Semiconductor PSOC4100M Datasheet HTML 26Page - Cypress Semiconductor PSOC4100M Datasheet HTML 27Page - Cypress Semiconductor PSOC4100M Datasheet HTML 28Page - Cypress Semiconductor PSOC4100M Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 25 of 41
Digital Peripherals
The following specifications apply to the Timer/Counter/PWM peripheral in timer mode.
Timer/Counter/PWM
I2C
Table 15. TCPWM Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.TCPWM.1
ITCPWM1
Block current consumption at 3 MHz
–
–
45
µA
All modes
(Timer/Counter/PWM)
SID.TCPWM.2
ITCPWM2
Block current consumption at 12 MHz
–
–
155
µA
All modes
(Timer/Counter/PWM)
SID.TCPWM.2A ITCPWM3
Block current consumption at 48 MHz
–
–
650
µA
All modes
(Timer/Counter/PWM)
SID.TCPWM.3
TCPWMFREQ Operating frequency
–
–
Fc
MHz Fc max = Fcpu.
Maximum = 24 MHz
SID.TCPWM.4
TPWMENEXT Input Trigger Pulse Width for all
Trigger Events
2/Fc
–
–
ns
Trigger Events can be
Stop, Start, Reload,
Count, Capture, or Kill
depending on which
mode of operation is
selected.
SID.TCPWM.5
TPWMEXT
Output Trigger Pulse widths
2/Fc
–
–
ns
Minimum possible
width of Overflow,
Underflow, and CC
(Counter equals
Compare value) trigger
outputs
SID.TCPWM.5A TCRES
Resolution of Counter
1/Fc
–
–
ns
Minimum time between
successive counts
SID.TCPWM.5B PWMRES
PWM Resolution
1/Fc
–
–
ns
Minimum pulse width
of PWM Output
SID.TCPWM.5C QRES
Quadrature inputs resolution
1/Fc
–
–
ns
Minimum pulse width
between Quadrature
phase inputs.
Table 16. Fixed I2C DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID149
II2C1
Block current consumption at 100 kHz
–
–
50
µA
SID150
II2C2
Block current consumption at 400 kHz
–
–
135
µA
SID151
II2C3
Block current consumption at 1 Mbps
–
–
310
µA
SID152
II2C4
I2C enabled in Deep Sleep mode
–
–
1.4
µA
Table 17. Fixed I2C AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID153
FI2C1
Bit rate
–
–
1
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com