Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 11Page - Cypress Semiconductor PSOC4100M Datasheet HTML 12Page - Cypress Semiconductor PSOC4100M Datasheet HTML 13Page - Cypress Semiconductor PSOC4100M Datasheet HTML 14Page - Cypress Semiconductor PSOC4100M Datasheet HTML 15Page - Cypress Semiconductor PSOC4100M Datasheet HTML 16Page - Cypress Semiconductor PSOC4100M Datasheet HTML 17Page - Cypress Semiconductor PSOC4100M Datasheet HTML 18Page - Cypress Semiconductor PSOC4100M Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 15 of 41
Electrical Specifications
Absolute Maximum Ratings
Device Level Specifications
All specifications are valid for –40 °C
 TA  105 °C and TJ  125 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
Note
1. Usage above the absolute maximum conditions listed in Table 1 may cause permanent damage to the device. Exposure to absolute maximum conditions for extended
periods of time may affect device reliability. The maximum storage temperature is 150 °C in compliance with JEDEC Standard JESD22-A103, High Temperature
Storage Life. When used below absolute maximum conditions but above normal operating conditions, the device may not operate to specification.
Table 1. Absolute Maximum Ratings[1]
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID1
VDD_ABS
Analog or digital supply relative to VSS
(VSSD = VSSA)
–0.5
–
6
V
Absolute maximum
SID2
VCCD_ABS
Direct digital core voltage input relative
to VSSD
–0.5
–
1.95
V
Absolute maximum
SID3
VGPIO_ABS
GPIO voltage; VDDD or VDDA
–0.5
–
VDD+0.5
V
Absolute maximum
SID4
IGPIO_ABS
Current per GPIO
–25
–
25
mA
Absolute maximum
SID5
IG-PIO_injection GPIO injection current per pin
–0.5
–
0.5
mA
Absolute maximum
BID44
ESD_HBM
Electrostatic discharge human body
model
2200
–
–
V
BID45
ESD_CDM
Electrostatic discharge charged device
model
500
–
–
V
BID46
LU
Pin current for latch-up
–140
–
140
mA
Table 2. DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID53
VDD
Power Supply Input Voltage (VDDA =
VDDD = VDD)
1.8
–
5.5
V
With regulator
enabled
SID255
VDDD
Power Supply Input Voltage unregulated
1.71
1.8
1.89
V
Internally unregulated
Supply
SID54
VCCD
Output voltage (for core logic)
–
1.8
–
V
SID55
CEFC
External Regulator voltage bypass
1
1.3
1.6
µF
X5R ceramic or better
SID56
CEXC
Power supply decoupling capacitor
–
1
–
µF
X5R ceramic or better
Active Mode, VDD = 1.71 V to 5.5 V, –40 °C to +105 °C
SID6
IDD1
Execute from Flash; CPU at 6 MHz
–
2.2
2.8
mA
SID7
IDD2
Execute from Flash; CPU at 12 MHz
–
3.7
4.2
mA
SID8
IDD3
Execute from Flash; CPU at 24 MHz
–
6.7
7.2
mA
Sleep Mode, –40 °C to +105 °C
SID21
IDD16
I2C wakeup, WDT, and Comparators on.
Regulator Off.
–
1.75
2.1
mA
VDD = 1.71 to 1.89,
6MHz
SID22
IDD17
I2C wakeup, WDT, and Comparators on.
–
1.7
2.1
mA
VDD = 1.8 to 5.5, 6
MHz
SID23
IDD18
I2C wakeup, WDT, and Comparators on.
Regulator Off.
–
2.35
2.8
mA
VDD = 1.71 to 1.89,
12 MHz
SID24
IDD19
I2C wakeup, WDT, and Comparators on.
–
2.25
2.8
mA
VDD = 1.8 to 5.5,
12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com