Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 17Page - Cypress Semiconductor PSOC4100M Datasheet HTML 18Page - Cypress Semiconductor PSOC4100M Datasheet HTML 19Page - Cypress Semiconductor PSOC4100M Datasheet HTML 20Page - Cypress Semiconductor PSOC4100M Datasheet HTML 21Page - Cypress Semiconductor PSOC4100M Datasheet HTML 22Page - Cypress Semiconductor PSOC4100M Datasheet HTML 23Page - Cypress Semiconductor PSOC4100M Datasheet HTML 24Page - Cypress Semiconductor PSOC4100M Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 21 of 41
SID293
VN1
Input referred, 1 Hz - 1GHz, power =
high
94
µVrms
SID294
VN2
Input referred, 1 kHz, power = high
72
nV/rtHz
SID295
VN3
Input referred, 10kHz, power = high
28
nV/rtHz
SID296
VN4
Input referred, 100kHz, power = high
15
nV/rtHz
SID297
Cload
Stable up to maximum load. Perfor-
mance specs at 50 pF.
––
125
pF
SID298
Slew_rate
Cload = 50 pF, Power = High, VDDA
2.7 V
6–
V/µs
SID299
T_op_wake
From disable to enable, no external
RC dominating
–25
µs
SID299A
OL_GAIN
Open Loop Gain
90
dB
Comp_mode
Comparator mode; 50 mV drive,
Trise = Tfall (approx.)
––
SID300
TPD1
Response time; power = high
150
ns
SID301
TPD2
Response time; power = medium
400
ns
SID302
TPD3
Response time; power = low
2000
ns
SID303
Vhyst_op
Hysteresis
10
mV
Deep Sleep Mode
Mode 2 is lowest current range. Mode
1 has higher GBW.
Deep Sleep mode.
VDDA  2.7 V.
SID_DS_1
IDD_HI_M1
Mode 1, High current
1400
uA
25 °C
SID_DS_2
IDD_MED_M1
Mode 1, Medium current
700
uA
25 °C
SID_DS_3
IDD_LOW_M1
Mode 1, Low current
200
uA
25 °C
SID_DS_4
IDD_HI_M2
Mode 2, High current
120
uA
25 °C
SID_DS_5
IDD_MED_M2
Mode 2, Medium current
60
uA
25 °C
SID_DS_6
IDD_LOW_M2
Mode 2, Low current
15
uA
25 °C
SID_DS_7
GBW_HI_M1
Mode 1, High current
4
MHz
25 °C
SID_DS_8
GBW_MED_M1 Mode 1, Medium current
2
MHz
25 °C
SID_DS_9
GBW_LOW_M1 Mode 1, Low current
0.5
MHz
25 °C
SID_DS_10 GBW_HI_M2
Mode 2, High current
0.5
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_11 GBW_MED_M2 Mode 2, Medium current
0.2
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_12 GBW_LOW_M2 Mode 2, Low current
0.1
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_13 VOS_HI_M1
Mode 1, High current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
SID_DS_14 VOS_MED_M1 Mode 1, Medium current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
SID_DS_15 VOS_LOW_M1 Mode 1, Low current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
SID_DS_16 VOS_HI_M2
Mode 2, High current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
SID_DS_17 VOS_MED_M2 Mode 2, Medium current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
Table 8. Opamp Specifications
(Guaranteed by Characterization) (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com