Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 23Page - Cypress Semiconductor PSOC4100M Datasheet HTML 24Page - Cypress Semiconductor PSOC4100M Datasheet HTML 25Page - Cypress Semiconductor PSOC4100M Datasheet HTML 26Page - Cypress Semiconductor PSOC4100M Datasheet HTML 27Page - Cypress Semiconductor PSOC4100M Datasheet HTML 28Page - Cypress Semiconductor PSOC4100M Datasheet HTML 29Page - Cypress Semiconductor PSOC4100M Datasheet HTML 30Page - Cypress Semiconductor PSOC4100M Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 27 of 41
Memory
Table 24. Fixed SPI Master mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID167
TDMO
MOSI valid after Sclock driving edge
–
–
15
ns
SID168
TDSI
MISO valid before Sclock capturing edge.
Full clock, late MISO Sampling used
20
–
–
ns
SID169
THMO
Previous MOSI data hold time with
respect to capturing edge at Slave
0–
–
ns
Table 25. Fixed SPI Slave mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID170
TDMI
MOSI valid before Sclock capturing edge
40
–
–
ns
SID171
TDSO
MISO valid after Sclock driving edge
–
–
42 + 3 ×
(1/FCPU)
ns
SID171A
TDSO_ext
MISO valid after Sclock driving edge in
Ext. Clock mode
–
–
48
ns
SID172
THSO
Previous MISO data hold time
0
–
–
ns
SID172A
TSSELSCK
SSEL Valid to first SCK Valid edge
100
–
–
ns
Table 26. Flash DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID173
VPE
Erase and program voltage
1.71
–
5.5
V
Table 27. Flash AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID174
TROWWRITE
Row (block) write time (erase and
program)
–
–
20
ms
Row (block) =
128 bytes
SID175
TROWERASE
Row erase time
–
–
13
ms
SID176
TROWPROGRAM Row program time after erase
–
–
7
ms
SID178
TBULKERASE
Bulk erase time (128 KB)
–
–
35
ms
SID179
TSECTORERASE Sector erase time (8 KB)
–
–
15
ms
SID180
TDEVPROG
Total device program time
–
–
15
seconds Guaranteed by
characterization
SID181
FEND
Flash endurance
100 K
–
–
cycles
Guaranteed by
characterization
SID182
FRET
Flash retention. TA  55 °C, 100 K P/E
cycles
20
–
–
years
Guaranteed by
characterization
SID182A
Flash retention. TA  85 °C, 10 K P/E
cycles
10
–
–
years
Guaranteed by
characterization
SID182B FRETQ
Flash retention. TA  105 °C, 10K P/E
cycles,
 three years at TA ≥ 85 °C
10
20
–
years
Guaranteed by
characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com