Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 12Page - Cypress Semiconductor PSOC4100M Datasheet HTML 13Page - Cypress Semiconductor PSOC4100M Datasheet HTML 14Page - Cypress Semiconductor PSOC4100M Datasheet HTML 15Page - Cypress Semiconductor PSOC4100M Datasheet HTML 16Page - Cypress Semiconductor PSOC4100M Datasheet HTML 17Page - Cypress Semiconductor PSOC4100M Datasheet HTML 18Page - Cypress Semiconductor PSOC4100M Datasheet HTML 19Page - Cypress Semiconductor PSOC4100M Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 16 of 41
Deep Sleep Mode, –40 °C to + 60 °C
SID30
IDD25
I2C wakeup and WDT on. Regulator Off.
–
1.55
20
µA
VDD = 1.71 to 1.89
SID31
IDD26
I2C wakeup and WDT on.
–
1.35
15
µA
VDD = 1.8 to 3.6
SID32
IDD27
I2C wakeup and WDT on.
–
1.5
15
µA
VDD = 3.6 to 5.5
Deep Sleep Mode, +85 °C
SID33
IDD28
I2C wakeup and WDT on. Regulator Off.
–
–
60
µA
VDD = 1.71 to 1.89
SID34
IDD29
I2C wakeup and WDT on.
–
–
45
µA
VDD = 1.8 to 3.6
SID35
IDD30
I2C wakeup and WDT on.
–
–
30
µA
VDD = 3.6 to 5.5
Deep Sleep Mode, +105 °C
SID33Q
IDD28Q
I2C wakeup and WDT on. Regulator Off.
–
–
135
µA
VDD = 1.71 to 1.89
SID34Q
IDD29Q
I2C wakeup and WDT on.
–
–
180
µA
VDD = 1.8 to 3.6
SID35Q
IDD30Q
I2C wakeup and WDT on.
–
–
140
µA
VDD = 3.6 to 5.5
Hibernate Mode, –40 °C to + 60 °C
SID39
IDD34
Regulator Off.
–
150
3000
nA
VDD = 1.71 to 1.89
SID40
IDD35
–
150
1000
nA
VDD = 1.8 to 3.6
SID41
IDD36
–
150
1100
nA
VDD = 3.6 to 5.5
Hibernate Mode, +85 °C
SID42
IDD37
Regulator Off.
–
–
4500
nA
VDD = 1.71 to 1.89
SID43
IDD38
–
–
3500
nA
VDD = 1.8 to 3.6
SID44
IDD39
–
–
3500
nA
VDD = 3.6 to 5.5
Hibernate Mode, +105 °C
SID42Q
IDD37Q
Regulator Off.
–
–
19.4
µA
VDD = 1.71 to 1.89
SID43Q
IDD38Q
––
17
µA
VDD = 1.8 to 3.6
SID44Q
IDD39Q
––
16
µA
VDD = 3.6 to 5.5
Stop Mode, +85 °C
SID304
IDD43A
Stop Mode current; VDD = 3.6 V
–
35
85
nA
T = –40 °C to +60 °C
SID304A
IDD43B
Stop Mode current; VDD = 3.6 V
–
–
1450
nA
T = +85 °C
Stop Mode, +105 °C
SID304Q
IDD43AQ
Stop Mode current; VDD = 3.6 V
–
–
5645
nA
XRES current
SID307
IDD_XR
Supply current while XRES asserted
–
2
5
mA
Table 2. DC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com