Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 20Page - Cypress Semiconductor PSOC4100M Datasheet HTML 21Page - Cypress Semiconductor PSOC4100M Datasheet HTML 22Page - Cypress Semiconductor PSOC4100M Datasheet HTML 23Page - Cypress Semiconductor PSOC4100M Datasheet HTML 24Page - Cypress Semiconductor PSOC4100M Datasheet HTML 25Page - Cypress Semiconductor PSOC4100M Datasheet HTML 26Page - Cypress Semiconductor PSOC4100M Datasheet HTML 27Page - Cypress Semiconductor PSOC4100M Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 24 of 41
CSD
SID108A
A_SAMP_2
Sample rate with no bypass cap.
Reference = VDD
–
–
500
ksps
SID108B
A_SAMP_3
Sample rate with no bypass cap.
Internal reference
–
–
100
ksps
SID109
A_SNDR
Signal-to-noise and distortion ratio
(SINAD)
66
–
–
dB
FIN = 10 kHz
SID111
A_INL
Integral non linearity
–1.4
–
+1.4
LSB
VDD = 1.71 to 5.5,
806 Ksps, Vref = 1 to
5.5.
SID111A
A_INL
Integral non linearity
–1.4
–
+1.4
LSB
VDDD = 1.71 to 3.6,
806 Ksps, Vref = 1.71
to VDDD.
SID111B
A_INL
Integral non linearity
–1.4
–
+1.4
LSB
VDDD = 1.71 to 5.5,
500 Ksps, Vref = 1 to
5.5.
SID112
A_DNL
Differential non linearity
–0.9
–
+1.35
LSB
VDDD = 1.71 to 5.5,
806 Ksps, Vref = 1 to
5.5.
SID112A
A_DNL
Differential non linearity
–0.9
–
+1.35
LSB
VDDD = 1.71 to 3.6,
806 Ksps, Vref = 1.71
to VDDD.
SID112B
A_DNL
Differential non linearity
–0.9
–
+1.35
LSB
VDDD = 1.71 to 5.5,
500 Ksps, Vref = 1 to
5.5.
SID113
A_THD
Total harmonic distortion
–
–
–65
dB
FIN = 10 kHz.
Table 13. SAR ADC AC Specifications
(Guaranteed by Characterization) (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
Table 14. CSD Block Specification
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
CSD Specification
SID308
VCSD
Voltage range of operation
1.71
–
5.5
V
SID309
IDAC1
DNL for 8-bit resolution
–1
–
1
LSB
SID310
IDAC1
INL for 8-bit resolution
–3
–
3
LSB
SID311
IDAC2
DNL for 7-bit resolution
–1
–
1
LSB
SID312
IDAC2
INL for 7-bit resolution
–3
–
3
LSB
SID313
SNR
Ratio of counts of finger to noise.
Guaranteed by characterization
5–
–
Ratio
Capacitance range
of 9 to 35 pF, 0.1 pF
sensitivity
SID314
IDAC1_CRT1
Output current of Idac1 (8-bits) in High
range
–
612
–
µA
SID314A
IDAC1_CRT2
Output current of Idac1(8-bits) in Low
range
–
306
–
µA
SID315
IDAC2_CRT1
Output current of Idac2 (7-bits) in High
range
–304.8
–
µA
SID315A
IDAC2_CRT2
Output current of Idac2 (7-bits) in Low
range
–152.4
–
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com