Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 13Page - Cypress Semiconductor PSOC4100M Datasheet HTML 14Page - Cypress Semiconductor PSOC4100M Datasheet HTML 15Page - Cypress Semiconductor PSOC4100M Datasheet HTML 16Page - Cypress Semiconductor PSOC4100M Datasheet HTML 17Page - Cypress Semiconductor PSOC4100M Datasheet HTML 18Page - Cypress Semiconductor PSOC4100M Datasheet HTML 19Page - Cypress Semiconductor PSOC4100M Datasheet HTML 20Page - Cypress Semiconductor PSOC4100M Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 17 of 41
GPIO
Table 3. AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID48
FCPU
CPU frequency
DC
–
24
MHz
1.71
VDD 5.5
SID49
TSLEEP
Wakeup from sleep mode
–
0
–
µs
Guaranteed by
characterization
SID50
TDEEPSLEEP
Wakeup from Deep Sleep mode
–
–
25
µs
24 MHz IMO.
Guaranteed by
characterization
SID51
THIBERNATE
Wakeup from Hibernate mode
–
–
0.7
ms
Guaranteed by
characterization
SID51A
TSTOP
Wakeup from Stop mode
–
–
2
ms
Guaranteed by
characterization
SID52
TRESETWIDTH
External reset pulse width
1
–
–
µs
Guaranteed by
characterization
Note
2. VIH must not exceed VDDD + 0.2 V.
Table 4. GPIO DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID57
VIH[2]
Input voltage high threshold
0.7 ×
VDDD
––
V
CMOS Input
SID57A
IIHS
Input current when Pad > VDDIO for OVT
inputs
–
–
10
µA
Per I2C Spec
SID58
VIL
Input voltage low threshold
–
–
0.3 ×
VDDD
VCMOS Input
SID241
VIH[2]
LVTTL input, VDDD < 2.7 V
0.7×
VDDD
––
V
SID242
VIL
LVTTL input, VDDD < 2.7 V
–
–
0.3 ×
VDDD
V
SID243
VIH[2]
LVTTL input, VDDD  2.7 V
2.0
–
–
V
SID244
VIL
LVTTL input, VDDD  2.7 V
–
–
0.8
V
SID59
VOH
Output voltage high level
VDDD
–0.6
––
V
IOH = 4 mA at
3V VDDD
SID60
VOH
Output voltage high level
VDDD
–0.5
––
V
IOH = 1 mA at
1.8 V VDDD
SID61
VOL
Output voltage low level
–
–
0.6
V
IOL = 4 mA at
1.8 V VDDD
SID62
VOL
Output voltage low level
–
–
0.6
V
IOL = 8mA at 3V
VDDD
SID62A
VOL
Output voltage low level
–
–
0.4
V
IOL = 3mA at 3V
VDDD
SID63
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
SID64
RPULLDOWN
Pull-down resistor
3.5
5.6
8.5
kΩ
SID65
IIL
Input leakage current (absolute value)
–
–
2
nA
25 °C, VDDD =
3.0 V.
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com