Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 22Page - Cypress Semiconductor PSOC4100M Datasheet HTML 23Page - Cypress Semiconductor PSOC4100M Datasheet HTML 24Page - Cypress Semiconductor PSOC4100M Datasheet HTML 25Page - Cypress Semiconductor PSOC4100M Datasheet HTML 26Page - Cypress Semiconductor PSOC4100M Datasheet HTML 27Page - Cypress Semiconductor PSOC4100M Datasheet HTML 28Page - Cypress Semiconductor PSOC4100M Datasheet HTML 29Page - Cypress Semiconductor PSOC4100M Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 26 of 41
LCD Direct Drive
SPI Specifications
Table 18. LCD Direct Drive DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID154
ILCDLOW
Operating current in low power mode
–
5
–
µA
16 × 4 small segment
disp. at 50 Hz
SID155
CLCDCAP
LCD capacitance per segment/common
driver
–
500
5000
pF
Guaranteed by Design
SID156
LCDOFFSET
Long-term segment offset
–
20
–
mV
SID157
ILCDOP1
PWM Mode current. 5-V bias.
24-MHz IMO
–
0.6
–
mA
32 × 4 segments.
50 Hz, 25 °C
SID158
ILCDOP2
PWM Mode current. 3.3-V bias.
24-MHz IMO.
–
0.5
–
mA
32 × 4 segments.
50 Hz, 25 °C
Table 19. LCD Direct Drive AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID159
FLCD
LCD frame rate
10
50
150
Hz
Table 20. Fixed UART DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID160
IUART1
Block current consumption at
100 Kbits/sec
––
55
µA
SID161
IUART2
Block current consumption at
1000 Kbits/sec
–
–
312
µA
Table 21. Fixed UART AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID162
FUART
Bit rate
–
–
1
Mbps
Table 22. Fixed SPI DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID163
ISPI1
Block current consumption at 1 Mbits/sec
–
–
360
µA
SID164
ISPI2
Block current consumption at 4 Mbits/sec
–
–
560
µA
SID165
ISPI3
Block current consumption at 8 Mbits/sec
–
–
600
µA
Table 23. Fixed SPI AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID166
FSPI
SPI operating frequency (master; 6X
oversampling)
––
8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com