Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 9Page - Cypress Semiconductor PSOC4100M Datasheet HTML 10Page - Cypress Semiconductor PSOC4100M Datasheet HTML 11Page - Cypress Semiconductor PSOC4100M Datasheet HTML 12Page - Cypress Semiconductor PSOC4100M Datasheet HTML 13Page - Cypress Semiconductor PSOC4100M Datasheet HTML 14Page - Cypress Semiconductor PSOC4100M Datasheet HTML 15Page - Cypress Semiconductor PSOC4100M Datasheet HTML 16Page - Cypress Semiconductor PSOC4100M Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 13 of 41
Power
The supply voltage range is 1.71 to 5.5 V with all functions and
circuits operating over that range.
The PSoC 4100M family allows two distinct modes of power
supply operation: Unregulated External Supply and Regulated
External Supply modes.
Unregulated External Supply
In this mode, the PSoC 4100M is powered by an External Power
Supply that can be anywhere in the range of 1.8 to 5.5 V. This
range is also designed for battery-powered operation, for
instance, the chip can be powered from a battery system that
starts at 3.5V and works down to 1.8 V. In this mode, the internal
regulator of the PSoC 4100M supplies the internal logic and the
VCCD output of the PSoC 4100M must be bypassed to ground
via an external Capacitor (in the range of 1 to 1.6 µF; X5R
ceramic or better).
The grounds, VSSA and VSS, must be shorted together. Bypass
capacitors must be used from VDDD and VDDA to ground,
typical practice for systems in this frequency range is to use a
capacitor in the 1 µF range in parallel with a smaller capacitor
(0.1 µF, for example). Note that these are simply rules of thumb
and that, for critical applications, the PCB layout, lead
inductance, and the Bypass capacitor parasitic should be
simulated to design and obtain optimal bypassing.
Regulated External Supply
In this mode, the PSoC 4100M is powered by an external power
supply that must be within the range of 1.71 to 1.89 V (1.8 ±5%);
note that this range needs to include power supply ripple. VCCD
and VDDD pins are shorted together and bypassed. The internal
regulator is disabled in firmware.
Power Supply
Bypass Capacitors
VDDD–VSS and
VDDIO-VSS
0.1 µF ceramic at each pin plus bulk
capacitor 1 to 10 µF.
VDDA–VSSA
0.1 µF ceramic at pin. Additional 1 µF to
10 µF bulk capacitor
VCCD–VSS
1 µF ceramic capacitor at the VCCD pin
VREF–VSSA
(optional)
The internal bandgap may be bypassed
with a 1 µF to 10 µF capacitor for better
ADC performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com