Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 18Page - Cypress Semiconductor PSOC4100M Datasheet HTML 19Page - Cypress Semiconductor PSOC4100M Datasheet HTML 20Page - Cypress Semiconductor PSOC4100M Datasheet HTML 21Page - Cypress Semiconductor PSOC4100M Datasheet HTML 22Page - Cypress Semiconductor PSOC4100M Datasheet HTML 23Page - Cypress Semiconductor PSOC4100M Datasheet HTML 24Page - Cypress Semiconductor PSOC4100M Datasheet HTML 25Page - Cypress Semiconductor PSOC4100M Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 22 of 41
Comparator
SID_DS_18 VOS_LOW_M2 Mode 2, Low current
–
5
–
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
SID_DS_19 IOUT_HI_M1
Mode 1, High current
–
10
–
mA
Output is 0.5 V to
VDDA-0.5 V
SID_DS_20 IOUT_MED_M1 Mode 1, Medium current
–
10
–
mA
Output is 0.5 V to
VDDA-0.5 V
SID_DS_21 IOUT_LOW_M1 Mode 1, Low current
–
4
–
mA
Output is 0.5 V to
VDDA-0.5 V
SID_DS_22 IOUT_HI_M2
Mode 2, High current
–
1
–
mA
Output is 0.5 V to
VDDA-0.5 V
SID_DS_23 IOUT_MED_M2 Mode 2, Medium current
–
1
–
mA
Output is 0.5 V to
VDDA-0.5 V
SID_DS_24 IOUT_LOW_M2 Mode 2, Low current
–
0.5
–
mA
Output is 0.5 V to
VDDA-0.5 V
Table 8. Opamp Specifications
(Guaranteed by Characterization) (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Table 9. Comparator DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID85
VOFFSET2
Input offset voltage, Common Mode
voltage range from 0 to VDD-1
––
±4
mV
SID85A
VOFFSET3
Input offset voltage. Ultra low-power
mode (VDDD ≥ 2.2V for Temp < 0°C,
VDDD ≥ 1.8 V for Temp > 0 °C).
–
±12
–
mV
SID86
VHYST
Hysteresis when enabled, Common
Mode voltage range from 0 to VDD -1.
–
10
35
mV
Guaranteed by charac-
terization
SID87
VICM1
Input common mode voltage in
normal mode
0–
VDDD – 0.1
V
Modes 1 and 2.
SID247
VICM2
Input common mode voltage in low
power mode
0–
VDDD
V
SID247A
VICM3
Input common mode voltage in ultra
low power mode (VDDD ≥ 2.2 V for
Temp < 0 °C, VDDD ≥ 1.8 V for Temp
> 0 °C)
0–
VDDD –
1.15
V
SID88
CMRR
Common mode rejection ratio
50
–
–
dB
VDDD  2.7 V.
Guaranteed by charac-
terization
SID88A
CMRR
Common mode rejection ratio
42
–
–
dB
VDDD  2.7 V.
Guaranteed by charac-
terization
SID89
ICMP1
Block current, normal mode
–
–
400
µA
Guaranteed by charac-
terization
SID248
ICMP2
Block current, low power mode
–
–
100
µA
Guaranteed by charac-
terization
SID259
ICMP3
Block current, ultra low power mode
(VDDD ≥ 2.2V for Temp < 0°C, VDDD
≥ 1.8 V for Temp > 0 °C)
–
6
28
µA
Guaranteed by charac-
terization
SID90
ZCMP
DC input impedance of comparator
35
–
–
MΩ
Guaranteed by charac-
terization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com