Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100M Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 29Page - Cypress Semiconductor PSOC4100M Datasheet HTML 30Page - Cypress Semiconductor PSOC4100M Datasheet HTML 31Page - Cypress Semiconductor PSOC4100M Datasheet HTML 32Page - Cypress Semiconductor PSOC4100M Datasheet HTML 33Page - Cypress Semiconductor PSOC4100M Datasheet HTML 34Page - Cypress Semiconductor PSOC4100M Datasheet HTML 35Page - Cypress Semiconductor PSOC4100M Datasheet HTML 36Page - Cypress Semiconductor PSOC4100M Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 33 of 41
Packaging
The description of the PSoC4100M package dimensions follows.
Spec ID#
Package
Description
Package Dwg #
PKG_1
68-pin QFN
68 QFN, 8 mm x 8 mm x 1.0 mm height
with 0.4 mm pitch
001-09618
PKG_2
64-pin TQFP
64 TQFP, 10 mm x10 mm x 1.4 mm
height with 0.5 mm pitch
51-85051
PKG_4
64-pin TQFP
64 TQFP, 14 mm x14 mm x 1.4 mm
height with 0.8 mm pitch
51-85046
PKG_5
48-pin TQFP
48 TQFP, 7 mm x 7 mm x 1.4 mm height
with 0.5 mm pitch
51-85135
PKG_6
44-pin TQFP
44 TQFP, 10 mm x 10 mm x 1.4 mm
height with 0.8 mm pitch
51-85064
Table 40. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
–40
25
85
°C
TJ
Operating junction temperature
–40
–
100
°C
TJA
Package θJA (68-pin QFN)
–
16.8
–
°C/Watt
TJC
Package θJC (68-pin QFN)
–
2.9
–
°C/Watt
TJA
Package θJA (64-pin TQFP, 0.5-mm pitch)
–
56
–
°C/Watt
TJC
Package θJC (64-pin TQFP, 0.5-mm pitch)
–
19.5
–
°C/Watt
TJA
Package θJA (64-pin TQFP, 0.8-mm pitch)
–
66.4
–
°C/Watt
TJC
Package θJC (64-pin TQFP, 0.8-mm pitch)
–
18.2
–
°C/Watt
TJA
Package θJA (48-pin TQFP, 0.5-mm pitch)
–
67.3
–
°C/Watt
TJC
Package θJC (48-pin TQFP, 0.5-mm pitch)
–
30.4
–
°C/Watt
TJA
Package θJA (44-pin TQFP, 0.8-mm pitch)
–
57
–
°C/Watt
TJC
Package θJC (44-pin TQFP, 0.8-mm pitch)
–
25.9
–
°C/Watt
Table 41. Solder Reflow Peak Temperature
Package
Maximum Peak Temperature
Maximum Time at Peak Temperature
All packages
260 °C
30 seconds
Table 42. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
All packages
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com