Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 12 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 8Page - SMSC Corporation CAM35C44 Datasheet HTML 9Page - SMSC Corporation CAM35C44 Datasheet HTML 10Page - SMSC Corporation CAM35C44 Datasheet HTML 11Page - SMSC Corporation CAM35C44 Datasheet HTML 12Page - SMSC Corporation CAM35C44 Datasheet HTML 13Page - SMSC Corporation CAM35C44 Datasheet HTML 14Page - SMSC Corporation CAM35C44 Datasheet HTML 15Page - SMSC Corporation CAM35C44 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
12
CLOCK GENERATOR
An internal 3.3v crystal oscillator or an external
oscillator source is required for the CAM35C44
(FIGURE 3). The crystal/clock pins and buffer
types are shown in TABLE 1.
The X1/CLK1 and X2 pins provide an external
connection for a parallel resonant 24MHz crystal.
Configuration register CR08 bit 5, INT_OSC,
must be set to “1” to configure the internal
oscillator for this arrangement (see the section
CRO8 - Power Control on page 27).
An external CMOS compatible oscillator is
required if a 24MHz crystal is not used. In this
case INT_OSC must be set to “0”.
The X2 pin is the 24MHz crystal driver and
should not be used to drive any other device.
This pin should be left unconnected if an
external clock is used and INT_OSC is “0”.
The 24MHz crystal can be used to directly drive
the ACE block.
This saves power when
115.2Kbps or slower data transfers are required
because the PLL and SCE block do not need to
be powered.
See TABLE 25 and the section
CRO8 - Power Control on page 27.
FIGURE 3 - EXAMPLE 24MHz OSCILLATOR CIRCUIT
CAM35C44
X1/CLK1
X2
24MHz CRYSTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com