Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 22 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 18Page - SMSC Corporation CAM35C44 Datasheet HTML 19Page - SMSC Corporation CAM35C44 Datasheet HTML 20Page - SMSC Corporation CAM35C44 Datasheet HTML 21Page - SMSC Corporation CAM35C44 Datasheet HTML 22Page - SMSC Corporation CAM35C44 Datasheet HTML 23Page - SMSC Corporation CAM35C44 Datasheet HTML 24Page - SMSC Corporation CAM35C44 Datasheet HTML 25Page - SMSC Corporation CAM35C44 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
CR00 - IRQ Control
The IRQ Control register CR00 determines the
IRQ pin polarity and enables the configuration
register locking feature.
CR00
can
only
be
accessed
in
the
configuration state and only after the CSR has
been initialized to 00H. The default value of this
register after power up is 00H (TABLE 14).
Bits[7:3, 1] in the IRQ Control register are
RESERVED.
TABLE 14 - IRQ CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
CR00
R/W
RESERVED
LOCK
RES
IRQ_LEV
0x00
IRQ_LEV, Bit 0
The IRQ_LEV bit D0 determines the active state
of the IRQ output pin (TABLE 1). If IRQ_LEV is
“0” (default), the IRQ pin is active low.
If
IRQ_LEV is “1”, the IRQ pin is active high.
LOCK, Bit 2
The LOCK bit D2 selects configuration register
locking. “Locked” means configuration registers
can be read but cannot be written, except for the
IRCC
Legacy
Controls
like
the
IR
HALF
DUPLEX TIME-OUT that can be written through
the SCE Registers and appear in the chip-level
configuration registers regardless of the state of
the LOCK bit.
If LOCK is “0” (default), the configuration
registers are unlocked.
If LOCK is “1”, the
configuration registers are locked.
Note: once the LOCK bit is set to “1” the
configuration registers are permanently locked.
The LOCK bit can only be reset to “0” by a hard-
reset or a power-on-reset; i.e., the configuration
registers cannot be changed until either a hard-
reset or power-on-reset occur.
CR01 - DMA Control
The DMA Control register CR01 determines the
DRQ and DACK pin polarity (TABLE 1).
CR01 can only be accessed in the configuration
state and only after the CSR has been initialized
to 01H. The default value of this register after
power up is 00H (TABLE 15).
Bits[7:2]
in
the
DMA
Control
register
are
RESERVED.
TABLE 15 - DMA CONTROL REGISTER (CR01)
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
CR01
R/W
RESERVED
DAC_LEV
DREQ_LEV
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com