Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 32 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 28Page - SMSC Corporation CAM35C44 Datasheet HTML 29Page - SMSC Corporation CAM35C44 Datasheet HTML 30Page - SMSC Corporation CAM35C44 Datasheet HTML 31Page - SMSC Corporation CAM35C44 Datasheet HTML 32Page - SMSC Corporation CAM35C44 Datasheet HTML 33Page - SMSC Corporation CAM35C44 Datasheet HTML 34Page - SMSC Corporation CAM35C44 Datasheet HTML 35Page - SMSC Corporation CAM35C44 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
GENERAL PURPOSE I/O
Introduction
The CAM35C44 can support up to 5 general
purpose I/O pins, GPIO[4:0] (TABLE 1).
The
number of available general purpose I/O pins
depends upon the Host Interface Select bits (see
the section MULTIHOST CPU INTERFACE on
page 13).
The general purpose I/O pins are
controlled by the GPIO registers contained in
Bank 1 of the CAM35C44 memory map (see the
section REGISTER ADDRESS MAP on page
16). TABLE 29 summarizes the contents of the
GPIO register bank.
TABLE 29 - GPIO REGISTER BANK MAP
BANK
ADDRESS
DEFAULT
REGISTER NAME
BANK 1
0x00
0x00
GPIOA Enable Register
(GPIO)
0x01
0x00
RESERVED
0x02
0x00
GPIOA Data Register
0x03
0x00
RESERVED
0x04
0x00
GPIOA Direction Register
0x05
0x00
RESERVED
0x06
0x00
RESERVED
0x07
0x00
RESERVED
Description
The state of a GPIO pin can be forced to the
value contained its data register, depending on
the state of its direction and enable bits.
For
example, when a GPIO pin is configured as an
output the data register contains a “1” and the
enable bit is active, the GPIO pin will be driven
high. When a GPIO pin is configured as an input
and the enable is active, the value in the data
register
will
reflect
the
state
of
the
pin. When a GPIO pin is configured as an input
and the enable is inactive, state changes at the
pin are not reflected in the data register. When
a GPIO pin is configured as an output and the
enable is inactive, changes in the data register
do not affect the pin. TABLE 12 summarizes the
GPIO pin behavior described above. FIGURE 7
illustrates GPIO pin functionality. Note: FIGURE
7 is for illustration purposes only and is not
intended to suggest specific implementation
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com